Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR05A60 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # DFR05A60
Description  Plastic Ultra-Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

DFR05A60 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  DFR05A60 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd DFR05A60 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.01
0.1
1
10
100
0.8
1.2
1.4
1
2
4 6
10
20
40
100
80
60
40
20
0
100
1.6
1.0
DFR05A60
DFR05A30
DFR05A40
DFR05A20
大昌电子
DACHANG ELECTRONICS
DFR05A20 ...... DFR05A60
管壳温度 Ta(
°C)
Tc, case temperature (°C)
0
255075
100
125
150
175
6
5
4
3
2
1
0
1.8


Similar Part No. - DFR05A60

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
DFR05A60 DACHANG-DFR05A60 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 5 A
More results

Similar Description - DFR05A60

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
MUR1040 EMMICRO-MUR1040 Datasheet
873Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Kersemi Electronic Co.,...
MUR1040 KERSEMI-MUR1040 Datasheet
873Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Rugao Dachang Electroni...
DFRF20A20CT DACHANG-DFRF20A20CT_15 Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DUFF10A60CT DACHANG-DUFF10A60CT_15 Datasheet
139Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
EGP10A DACHANG-EGP10A_15 Datasheet
122Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DFRF10A20CT DACHANG-DFRF10A20CT_15 Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
MUR1010 DACHANG-MUR1010_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
MUR2010 DACHANG-MUR2010_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DUFF10A60 DACHANG-DUFF10A60_15 Datasheet
148Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DFR10A20 DACHANG-DFR10A20_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DFRF15A20 DACHANG-DFRF15A20_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com