Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1690I Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1690I
Description  Differential Driver and Receiver Pair with Fail-Safe Receiver Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1690I Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1690I Datasheet HTML 3Page - Linear Technology LTC1690I Datasheet HTML 4Page - Linear Technology LTC1690I Datasheet HTML 5Page - Linear Technology LTC1690I Datasheet HTML 6Page - Linear Technology LTC1690I Datasheet HTML 7Page - Linear Technology LTC1690I Datasheet HTML 8Page - Linear Technology LTC1690I Datasheet HTML 9Page - Linear Technology LTC1690I Datasheet HTML 10Page - Linear Technology LTC1690I Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1690
SWITCHI G TI E WAVEFOR S
–VO
D
3V
0V
tPLH
VO = V(A) – V(B)
VO
Z
Y
tSKEW
tSKEW
tr
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
1.5V
90%
10%
50%
tPHL
tf
1.5V
90%
10%
50%
VO
1/2 VO
1690 F04
Figure 4. Driver Propagation Delays
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
NOTE: tSKD = |tPHL – tPLH|
INPUT
OUTPUT
A – B
R
VOD2
–VOD2
5V
VOL
tPHL
0V
1.5V
tPLH
0V
1.5V
1690 F05
Figure 5. Receiver Propagation Delays
FUNCTION TABLES
Driver
DZ
Y
101
010
Receiver
A – B
R
≥ –0.01V
1
≤ –0.20V
0
Inputs Open
1
Inputs Shorted
1
Note: Table valid with or without termination resistors.
1690 F01
Y
Z
R
R
VOD2
VOC
1690 F02
Y
Z
60
375
VOD3
VTST
–7V TO 12V
375
1690 F03
D
Y
Z
RDIFF
A
B
15pF
CL1
CL2
R
+
+
+
Figure 1. Driver
DC Test Load #1
Figure 2. Driver
DC Test Load #2
Figure 3. Driver/Receiver
Timing Test Load
TEST CIRCUITS
PIN FUNCTIONS
VCC (Pin 1): Positive Supply. 4.75V < VCC < 5.25V.
R (Pin 2): Receiver Output. R is high if (A – B)
≥ –10mV
and low if (A – B)
≤ –200mV.
D (Pin 3): Driver Input. If D is high, Y is taken high and Z
is taken low. If D is low, Y is taken low and Z is taken high.
GND (Pin 4): Ground.
Y (Pin 5): Driver Output.
Z (Pin 6): Driver Output.
B (Pin 7): Receiver Input.
A (Pin 8): Receiver Input.


Similar Part No. - LTC1690I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1690 LINER-LTC1690 Datasheet
193Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
LTC1690 LINER-LTC1690_15 Datasheet
193Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
More results

Similar Description - LTC1690I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1690 LINER-LTC1690_15 Datasheet
193Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com