Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1650I Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1650I
Description  Low Glitch 16-Bit Voltage Output DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1650I Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1650I Datasheet HTML 4Page - Linear Technology LTC1650I Datasheet HTML 5Page - Linear Technology LTC1650I Datasheet HTML 6Page - Linear Technology LTC1650I Datasheet HTML 7Page - Linear Technology LTC1650I Datasheet HTML 8Page - Linear Technology LTC1650I Datasheet HTML 9Page - Linear Technology LTC1650I Datasheet HTML 10Page - Linear Technology LTC1650I Datasheet HTML 11Page - Linear Technology LTC1650I Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1650
OPERATIO
Serial Interface
The data on the DIN input is loaded into the shift register
on the rising edge of the clock. Data is loaded as one
16-bit word, MSB first. The DAC register loads the data
from the shift register when CS/LD is pulled high. The
clock is disabled internally when CS/LD is high. Note: CLK
must be low before CS/LD is pulled low to avoid an extra
internal clock pulse.
The buffered output of the 16-bit shift register is available
on the DOUT pin which swings from DGND to DVDD.
Multiple LTC1650s may be daisy-chained together by
connecting the DOUT pin to the DIN pin of the next chip
while the clock and CS/LD signals remain common to all
chips in the daisy chain. The serial data is clocked to all of
the chips, then the CS/LD signal is pulled high to update all
of them simultaneously.
When CLR is pulled low or when the part powers up, the
output connects through an internal pass gate to VRST and
will go to whatever voltage is on VRST. When any of three
supplies (DVDD, AVDD, |AVSS|) goes below 2.5V, the
RSTOUT pin goes low and stays low as long as the supply
is below 2.5V. The power-on reset is also activated when
one of the supplies drops below 2.5V and the output is
then connected to VRST. The output connects to VRST
when any of three conditions occur: CLR goes low, the part
powers up or one of the supplies drops below 2.5V. This
condition exists as long as CS/LD is low. As soon as CS/
LD goes high, the DAC register is loaded with the data in
the shift register and the output will settle to its new value.
Voltage Output
The LTC1650 rail-to-rail buffered output can source or
sink 5mA over the entire operating temperature range. The
output can swing to within a few millivolts of either supply
rail when unloaded and has an equivalent output resis-
tance of 50
Ω when driving a load to the rails. The buffer
amplifier can drive 1000pF without going into oscillation.
The LTC1650 has a deglitched voltage output. The midscale
glitch is less than 2nV-s. The digital feedthrough is about
0.05nV-s.
Output Ranges
The LTC1650 is capable of unipolar or bipolar output
swing. When the UNI/BIP pin is connected to VOUT the part
is configured for unipolar operation and the output will
swing from REFLO to REFHI. When UNI/BIP is connected
to REFHI the part is configured in bipolar mode and the
output will swing from (2 • REFLO – REFHI) to REFHI and
will be at REFLO at midscale. With REFLO = 0V the output
swing is
±REFHI in bipolar mode and 0V to REFHI in
unipolar mode.


Similar Part No. - LTC1650I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1650 LINER-LTC1650 Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1650 LINER-LTC1650 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
More results

Similar Description - LTC1650I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC82001 TI-DAC82001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
DAC82002 TI-DAC82002_V01 Datasheet
2Mb / 32P
[Old version datasheet]   DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
REVISED DECEMBER 2022
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC82002 TI-DAC82002 Datasheet
1Mb / 22P
[Old version datasheet]   DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
AUGUST 2022
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8565ICPWG4 TI1-DAC8565ICPWG4 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com