Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM7N65 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM7N65
Description  650V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM7N65 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM7N65 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM7N65 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM7N65 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM7N65 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM7N65 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM7N65 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM7N65 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM7N65 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM7N65 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TSM7N65
650V N-Channel Power MOSFET
1/9
Version: D12
TO-220
ITO-220
PRODUCT SUMMARY
VDS (V)
RDS(on)(
Ω)
ID (A)
650
1.2 @ VGS =10V
6.4
General Description
The TSM7N65 N-Channel enhancement mode Power MOSFET is produced by planar stripe DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior
switching performance, and withstand high energy pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency switch mode power supply, power factor correction, electronic lamp
ballast based on half bridge.
Features
Low RDS(ON) 1.2Ω (Max.)
Low gate charge typical @ 32nC (Typ.)
Low Crss typical @ 25pF (Typ.)
Fast Switching
Block Diagram
N-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM7N65CZ C0
TO-220
50pcs / Tube
TSM7N65CI C0
ITO-220
50pcs / Tube
Absolute Maximum Rating (TA=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
Ta =25ºC
ID
6.4
A
Ta =100ºC
3.8
A
Pulsed Drain Current *
IDM
22
A
Single Pulse Avalanche Energy (Note 2)
EAS
216
mJ
Repetitive Avalanche Current (Note 1)
IAR
6
A
Total Power Dissipation @ TC = 25
oC
TO-220
PTOT
125
W
ITO-220
30
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
* Limited by maximum junction temperature
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM7N65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM7N65ACI VBSEMI-TSM7N65ACI Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM7N65ACI DOINGTER-TSM7N65ACI Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM7N65ACIC0 TSC-TSM7N65ACIC0 Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
More results

Similar Description - TSM7N65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com