Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM6N50 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6N50
Description  500V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6N50 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM6N50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6N50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6N50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6N50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6N50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM6N50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM6N50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM6N50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSM6N50
500V N-Channel Power MOSFET
1/8
Version: D14
ITO-220
TO-251
(IPAK)
Key Parameter Performance
Parameter
Value
Unit
VDS
500
V
RDS(on) (max)
1.4
Qg
25
nC
TO-252
(DPAK)
Features
Low RDS(ON) 1.4Ω (Max.)
Low gate charge typical @ 25nC (Typ.)
Low Crss typical @ 15pF (Typ.)
Fast Switching
Block Diagram
N-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM6N50CI C0
ITO-220
50pcs / Tube
TSM6N50CP ROG
TO-252
2.5kpcs / 13” Reel
TSM6N50CH C5G
TO-251
75pcs / Tube
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds
Absolute Maximum Ratings (TA=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
TA = 25ºC
ID
5.6
A
TA = 100ºC
3
A
Pulsed Drain Current
(Note 1)
IDM
15
A
Single Pulse Avalanche Energy
(Note 2 )
EAS
180
mJ
Avalanche Current (Repetitive)
(Note 3)
IAR
5
A
Total Power Dissipation @ TC = 25
oC
ITO-220
PTOT
25
W
TO-252. TO-251
90
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM6N50

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM6N50 TSC-TSM6N50 Datasheet
387Kb / 10P
   500V N-Channel Power MOSFET
TSM6N50CHC5 TSC-TSM6N50CHC5 Datasheet
387Kb / 10P
   500V N-Channel Power MOSFET
TSM6N50CIC0 TSC-TSM6N50CIC0 Datasheet
387Kb / 10P
   500V N-Channel Power MOSFET
TSM6N50CPRO TSC-TSM6N50CPRO Datasheet
387Kb / 10P
   500V N-Channel Power MOSFET
More results

Similar Description - TSM6N50

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
TSM9N50 TSC-TSM9N50 Datasheet
219Kb / 7P
   500V N-Channel Power MOSFET
TSM6N50 TSC-TSM6N50 Datasheet
387Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com