Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1645I Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1645I
Description  Dual-Channel Hot Swap Controller/Power Sequencer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645I Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1645I Datasheet HTML 7Page - Linear Technology LTC1645I Datasheet HTML 8Page - Linear Technology LTC1645I Datasheet HTML 9Page - Linear Technology LTC1645I Datasheet HTML 10Page - Linear Technology LTC1645I Datasheet HTML 11Page - Linear Technology LTC1645I Datasheet HTML 12Page - Linear Technology LTC1645I Datasheet HTML 13Page - Linear Technology LTC1645I Datasheet HTML 14Page - Linear Technology LTC1645I Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1645
APPLICATIO S I FOR ATIO
(a) VCC Short-Circuit Supply Current Glitch Without Any Limiting
(b) VCC Supply Glitch Without Any Limiting
(c) VCC Short-Circuit Supply Current Glitch
with 2
µH Series Inductor
(d) VCC Supply Glitch with 2µH Series Inductor
Figure 8. Supply Glitch
Supply Glitching
LTC1645 Hot Swap circuits on the backplane are generally
used to provide power-up/down sequence at insertion/
removal as well as overload/short-circuit protection. If a
short-circuit occurs at supply ramp-up, the circuit breaker
trips. The partially enhanced FET is easily disconnected
without any supply glitch.
If a dead short occurs after a supply connection is made
(Figure 8), the sense resistor R1 and the RDS(ON) of the
fully enhanced FET provide a low impedance path for
0.1
µF
1645 F08
10
R1
0.01
12V
IRF7413
2
µH
+
LTC1645
SUPPLY
GLITCH
100
µF
+
1
µs/DIV
1645 F08a
1
µs/DIV
1645 F08b
VCC
GATE
1
µs/DIV
1645 F08c
1
µs/DIV
1645 F08d
GATE
VCC


Similar Part No. - LTC1645I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1645 LINER-LTC1645 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC1645 LINER-LTC1645 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC1645 LINER-LTC1645 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
logo
Analog Devices
LTC1645 AD-LTC1645 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
More results

Similar Description - LTC1645I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com