Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSG25N120CN Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSG25N120CN
Description  N-Channel IGBT with FRD.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSG25N120CN Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSG25N120CN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSG25N120CN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSG25N120CN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSG25N120CN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSG25N120CN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSG25N120CN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSG25N120CN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSG25N120CN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSG25N120CN Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TSG25N120CN
N-Channel IGBT with FRD.
1/9
Version: B12
TO-3PN
PRODUCT SUMMARY
VCES (V)
VGES (V)
IC (A)
1200
±20
25
General Description
The TSG25N120CN using proprietary trench design and advanced NPT technology, the 1200V NPT IGBT offers
superior conduction and switching performances, high avalanche ruggedness and easy parallel operation. This
device is well suited for the resonant or soft switching application such as induction heating, microwave oven,
etc.
Features
1200V NPT Trench Technology
High Speed Switching
Low Conduction Loss
Block Diagram
NPT Trench IGBT
Ordering Information
Part No.
Package
Packing
TSG25N120CN C0
TO-3PN
30pcs / Tube
Absolute Maximum Rating (TA=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Emitter Voltage
VCES
1200
V
Gate-Emitter Voltage
VGES
±20
V
Continuous Current
TC=25
oC
IC
50
A
TC=100
oC
25
A
Pulsed Collector Current *
ICM
75
A
Diode Forward Current (TC=100
)
IF
25
A
Diode Pulse Forward Current
IFM
75
A
Max Power Dissipation
TJ=25
oC
PD
312
W
TJ=100
oC
125
Operating Junction Temperature
TJ
-55 to +150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
* Repetitive rating: Pulse width limited by max. junction temperature
Pin Definition:
1. Gate
2. Collector
3. Emitter


Similar Part No. - TSG25N120CN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD
More results

Similar Description - TSG25N120CN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSG60N100CE TSC-TSG60N100CE Datasheet
431Kb / 9P
   N-Channel IGBT with FRD
TSG40N120 TSC-TSG40N120 Datasheet
661Kb / 10P
   N-Channel IGBT with FRD.
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD
TSG15N120CN TSC-TSG15N120CN Datasheet
450Kb / 9P
   N-Channel IGBT with FRD.
TSG60N100 TSC-TSG60N100 Datasheet
431Kb / 9P
   N-Channel IGBT with FRD.
TSG40N120CE TSC-TSG40N120CE Datasheet
661Kb / 10P
   N-Channel IGBT with FRD
TSG15N120 TSC-TSG15N120 Datasheet
450Kb / 9P
   N-Channel IGBT with FRD.
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
logo
Advanced Power Electron...
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP05G120SW-HF A-POWER-AP05G120SW-HF Datasheet
59Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com