Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1629C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1629C
Description  PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629C Datasheet(HTML) 1 Page - Linear Technology

  LTC1629C Datasheet HTML 1Page - Linear Technology LTC1629C Datasheet HTML 2Page - Linear Technology LTC1629C Datasheet HTML 3Page - Linear Technology LTC1629C Datasheet HTML 4Page - Linear Technology LTC1629C Datasheet HTML 5Page - Linear Technology LTC1629C Datasheet HTML 6Page - Linear Technology LTC1629C Datasheet HTML 7Page - Linear Technology LTC1629C Datasheet HTML 8Page - Linear Technology LTC1629C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1629/LTC1629-PG
PolyPhase, High Efficiency,
Synchronous Step-Down Switching Regulators
, LTC and LT are registered trademarks of Linear Technology Corporation.
OPTI-LOOP and PolyPhase are trademarks of Linear Technology Corporation.
The LTC
®1629/LTC1629-PG are multiple phase, dual,
synchronous step-down current mode switching regula-
tor controllers that drive N-channel external power MOSFET
stages in a phase-lockable fixed frequency architecture.
The PolyPhase
TM controller drives its two output stages
out of phase at frequencies up to 300kHz to minimize the
RMS ripple currents in both input and output capacitors.
The output clock signal allows expansion for up to 12
evenly phased controllers for systems requiring 15A to
200A of output current. The multiple phase technique
effectively multiplies the fundamental frequency by the
number of channels used, improving transient response
while operating each channel at an optimum frequency for
efficiency. Thermal design is also simplified.
An internal differential amplifier provides true remote
sensing of the regulated supply’s positive and negative
output terminals as required for high current applications.
A RUN/SS pin provides both soft-start and optional timed,
short-circuit shutdown. Current foldback limits MOSFET
dissipation during short-circuit conditions when the
overcurrent latchoff is disabled. OPTI-LOOP compensa-
tion allows the transient response to be optimized over a
wide range of output capacitance and ESR values. The
LTC1629-PG includes a power good output pin that re-
places the AMPMD control pin of the LTC1629.
Figure 1. High Current Dual Phase Step-Down Converter
s
Desktop Computers
s
Internet Servers
s
Large Memory Arrays
s
DC Power Distribution Systems
s
Dual Controller Operates from One to Twelve Phases
s
Reduces Required Input Capacitance and Power
Supply Induced Noise
s
Current Mode Control Ensures Current Sharing
s
Phase-Lockable Fixed Frequency: 150kHz to 300kHz
s
1.8MHz Effective Switching Frequency
s
True Remote Sensing Differential Amplifier
s
OPTI-LOOP
TM Compensation Reduces COUT
s
±1% Output Voltage Accuracy
s
Power Good Output Voltage Monitor (LTC1629-PG)
s
Wide VIN Range: 4V to 36V Operation
s
Very Low Dropout Operation: 99% Duty Cycle
s
Adjustable Soft-Start Current Ramping
s
Internal Current Foldback Plus Shutdown Timer
s
Overvoltage Soft-Latch Eliminates Nuisance Trips
s
Micropower Shutdown
s
Available in 28-Lead SSOP Package
1629 TA01
TG1
BOOST1
SW1
BG1
PGND
SENSE1+
SENSE1
TG2
BOOST2
SW2
BG2
INTVCC
SENSE2+
SENSE2
VIN
RUN/SS
EAIN
ITH
VDIFFOUT
VOS
VOS
+
LTC1629-PG
SGND
0.1
µF
PGOOD
0.1
µF
16k
1000pF
S
S
S
S
S
S
S
S
10
3.3k
16k
10
µF ×4
35V
CERAMIC
+
COUT
1000
µF ×2
4V
L1, L2: CEPH149-IROMC
COUT: T510E108K004AS
D1, D2: UP5840
M1, M3: IRF7811
M2, M4: IRF7809
VOUT
1.6V/40A
L1
1
µH
0.003
VIN
5V TO 28V
L2
1
µH
D2
D1
M1
M2
×2
M3
M4
×2
0.47
µF
S
0.47
µF
10
µF
0.003
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1629C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1629 LINER-LTC1629 Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1629 LINER-LTC1629 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1629-6 LINER-LTC1629-6 Datasheet
300Kb / 28P
   PolyPhase, Synchronous
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC1629-PG LINER-LTC1629-PG Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
More results

Similar Description - LTC1629C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1629 LINER-LTC1629_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1629-PG LINER-LTC1629-PG_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com