Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTP5903-WHR Datasheet(PDF) 13 Page - Linear Technology

Part # LTP5903-WHR
Description  SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903-WHR Datasheet(HTML) 13 Page - Linear Technology

Back Button LTP5903-WHR_15 Datasheet HTML 9Page - Linear Technology LTP5903-WHR_15 Datasheet HTML 10Page - Linear Technology LTP5903-WHR_15 Datasheet HTML 11Page - Linear Technology LTP5903-WHR_15 Datasheet HTML 12Page - Linear Technology LTP5903-WHR_15 Datasheet HTML 13Page - Linear Technology LTP5903-WHR_15 Datasheet HTML 14Page - Linear Technology LTP5903-WHR_15 Datasheet HTML 15Page - Linear Technology LTP5903-WHR_15 Datasheet HTML 16Page - Linear Technology LTP5903-WHR_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
For more information www.linear.com/LTP5903-WHR
13
8.2
Pinout
Table 22 J10 Board-to-board Connector
Pin
Number
Pin Name
I/O Direction
I/O Level
Interface Name
1
GND
2
GND
3
RX_P
In
10/100Base-T
Ethernet
4
TX_P
Out
10/100Base-T
Ethernet
5
RX_N
In
10/100Base-T
Ethernet
6
TX_N
Out
10/100Base-T
Ethernet
7
RX_CT
In
10/100Base-T
Ethernet
8
TX_CT
Out
10/100Base-T
Ethernet
9
nACT_LED
Out
LVTTL Type 3
LED Status indicators
10
nLINK_LED
Out
LVTTL Type 3
LED Status indicators
11
+3V3
Out
3.3 V ± 5%
3.3 V Out
12
+3V3
Out
3.3 V ± 5%
3.3 V Out
13
Reserved
Do not connect
14
Reserved
Do not connect
15
Reserved
Do not connect
16
Reserved
Do not connect
17
S1_TX
Out
LVTTL Type 1
Serial 1
18
Reserved
Do not connect
19
S1_RX
In
LVTTL Type 1
Serial 1
20
Restore Switch
In*
LVTTL Type 2
Switch In
21
GND
22
nLED_SUB
Out
LVTTL Type 1
LED status indicators
23
SD_CLK
Out
LVTTL Type 1
SD clock
24
nLED_JOIN
Out
LVTTL Type 1
LED status indicators
25
+3V3
Out
3.3 V ± 5%
3.3 V Out
26
Reserved
Do not connect
27
SD_CD
LVTTL Type 1
SD Card detect
28
Reserved
Do not connect
29
Reserved
Do not connect
30
SD_CS0
Out
LVTTL Type 1
SD Card chip select
31
SD_WP
LVTTL Type 1
SD Card write protect
32
Reserved
Do not connect
33
GND
34
Reserved
Do not connect
35
SD_MISO
LVTTL Type 1
SD Card data in
36
Reserved
Do not connect
37
SD_MOSI
LVTTL Type 1
SD Card data out
38
Reserved
Do not connect
39
GND
40
GND
* Input includes a debounce input stage as illustrated in Figure 1.


Similar Part No. - LTP5903-WHR_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5903-WHR LINER-LTP5903-WHR Datasheet
465Kb / 19P
   2.4 GHz 802.15.4 Embedded Network Manager
More results

Similar Description - LTP5903-WHR_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5902-IPR LINER-LTP5902-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR Datasheet
1Mb / 34P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5903-WHR LINER-LTP5903-WHR Datasheet
465Kb / 19P
   2.4 GHz 802.15.4 Embedded Network Manager
LTP5902-IPR LINER-LTP5902-IPR Datasheet
889Kb / 29P
   2.4 GHz 802.15.4 EternaTM Embedded Network Manager
logo
Vaisala
NM10 VAISALA-NM10 Datasheet
5Mb / 4P
   Observation Network Manager NM10
logo
Linear Technology
LTC5800-WHM LINER-LTC5800-WHM_15 Datasheet
1Mb / 32P
   SmartMesh WirelessHART Node Wireless Mote
logo
Keysight Technologies
J7824A KEYSIGHT-J7824A Datasheet
5Mb / 8P
   Network Monitoring Content Intercept Manager
logo
Linear Technology
LTC5800-IPR LINER-LTC5800-IPR Datasheet
868Kb / 28P
   2.4 GHz 802.15.4 EternaTM Embedded Network Manager-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com