Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1626 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1626
Description  Low Voltage, High Efficiency Step-Down DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1626 Datasheet(HTML) 3 Page - Linear Technology

  LTC1626 Datasheet HTML 1Page - Linear Technology LTC1626 Datasheet HTML 2Page - Linear Technology LTC1626 Datasheet HTML 3Page - Linear Technology LTC1626 Datasheet HTML 4Page - Linear Technology LTC1626 Datasheet HTML 5Page - Linear Technology LTC1626 Datasheet HTML 6Page - Linear Technology LTC1626 Datasheet HTML 7Page - Linear Technology LTC1626 Datasheet HTML 8Page - Linear Technology LTC1626 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1626
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT VOLTAGE (V)
100
98
96
94
92
90
88
86
84
82
80
1626 G01
5.0 5.5 6.0 6.5 7.0 7.5
4.5
2.5
3.5 4.0
3.0
IOUT = 100mA
L1 = 33
µH
RSENSE = 0.1Ω
CT = 270pF
IOUT = 250mA
INPUT VOLTAGE (V)
100
98
96
94
92
90
88
86
84
82
80
1626 G03
5.0 5.5 6.0 6.5 7.0 7.5
4.5
2.5
3.5 4.0
3.0
IOUT = 100mA
L1 = 33
µH
RSENSE = 0.1Ω
CT = 270pF
IOUT = 250mA
OUTPUT CURRENT (A)
0.01
100
95
90
85
80
75
70
0.1
1
1626 G02
L1 = 33
µH
VIN = 5V
VOUT = 3.3V
RSENSE = 0.1Ω
CT = 270pF
Efficiency vs Input Voltage
(VOUT = 2.5V)
Efficiency vs Input Voltage
(VOUT = 3.3V)
INPUT VOLTAGE (V)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1626 G04
5.0 5.5 6.0 6.5 7.0 7.5
4.5
2.5
3.5 4.0
3.0
FIGURE 1 CIRCUIT
Switch Resistance
INPUT VOLTAGE (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1626 G05
5.0 5.5 6.0 6.5 7.0
2.0
4.5
2.5
3.5 4.0
3.0
TJ = 70°C
TJ = 0°C
TJ = 25°C
JUNCTION TEMPERATURE (
°C)
100
90
80
70
60
50
40
30
20
10
0
1626 G06
50 60 70 80 90 100
40
020 30
10
VIN = 4.5V
Switch Leakage Current
Operating Frequency
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1626 G07
5.0 5.5 6.0 6.5 7.0 7.5
4.5
2.5
3.5 4.0
3.0
TJ = 25°C
* DOES NOT INCLUDE
GATE CHARGE CURRENT
ACTIVE MODE
SLEEP MODE
INPUT VOLTAGE (V)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
1626 G08
5.0 5.5 6.0 6.5 7.0 7.5
4.5
2.5
3.5 4.0
3.0
TJ = 25°C
SHUTDOWN = VIN
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1626 G09
2.5 3.0 3.5 4.0 4.5 5.0
2.0
0
1.0 1.5
0.5
L1 = 33
µH
RSENSE = 0.1Ω
CT = 270pF
TJ = 25°C
ILOAD = 250mA
VOUT = 3.3V
VOUT = 2.5V
Supply Current in Shutdown
Low Voltage Behavior
DC Supply Current*
Efficiency vs Output Current
(VOUT = 3.3V)


Similar Part No. - LTC1626

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1626 LINER-LTC1626 Datasheet
268Kb / 12P
   Low Voltage, High Efficiency Step-Down DC/DC Converter
LTC1626 LINER-LTC1626_15 Datasheet
268Kb / 12P
   Low Voltage, High Efficiency Step-Down DC/DC Converter
More results

Similar Description - LTC1626

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1626 LINER-LTC1626_15 Datasheet
268Kb / 12P
   Low Voltage, High Efficiency Step-Down DC/DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com