Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1623CMS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1623CMS8
Description  SMBus Dual High Side Switch Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1623CMS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1623CMS8 Datasheet HTML 4Page - Linear Technology LTC1623CMS8 Datasheet HTML 5Page - Linear Technology LTC1623CMS8 Datasheet HTML 6Page - Linear Technology LTC1623CMS8 Datasheet HTML 7Page - Linear Technology LTC1623CMS8 Datasheet HTML 8Page - Linear Technology LTC1623CMS8 Datasheet HTML 9Page - Linear Technology LTC1623CMS8 Datasheet HTML 10Page - Linear Technology LTC1623CMS8 Datasheet HTML 11Page - Linear Technology LTC1623CMS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1623
Address
The LTC1623 has an address of 1011XXX; the four MSBs
are hard-wired, but the 3 LSBs are programmed by the
user with the help of two three-state address pins. Refer to
Table 1 for the pin configurations and their corresponding
addresses.
To conserve standby current, it is preferable to tie the
address pins to either VCC or GND. If more than four
addresses are needed, then either one of the address pins
can be tied to the third state of VCC/2 by using two equal
value resistors (
≤1M) shown in Figure 2. Do not connect
both address pins to the VCC/2 state simultaneously
because this is not a valid address.
Charge Pump
To fully enhance the external N-channel switches, an
internal charge pump is used to boost the output gate drive
to a minimum of 2.7V and a maximum of 6V above VCC,
depending on VCC itself. The reason for the maximum
output voltage limit is to avoid switch gate source break-
down due to excessive gate overdrive. A feedback network
is used to limit the charge pump output to 6V above VCC.
Because the output will only need to drive the gate of the
external switch by charging and discharging the parasitic
gate capacitances, the internal charge pump, clocked by
an approximately 300KHz oscillator, is appropriately sized
to source less than 100
µA.
Power-On Reset and Undervoltage Lockout
The LTC1623 starts up with both gate drives low. An
internal power-on reset (POR) signal inhibits operation
until about 300
µs after VCC crosses the undervoltage
lockout threshold (typically 2V). The circuit includes some
hysteresis and delay to avoid nuisance resets. Once opera-
tion begins, VCC must drop below the threshold for at least
100
µs to trigger another POR sequence.
During standby, when both gate drive outputs are dis-
abled, quiescent current is kept to a minimum (13
µA
typical) because only the UVLO block is active.
Input Threshold
Anticipating the trend toward lower supply voltages, the
SMBus is specified with a VIH of 1.4V and a VIL of 0.6V.
While some SMBus parts may violate this stringent SMBus
specification by allowing a higher VIH value for a corre-
spondingly higher input supply voltage, the LTC1623
meets and maintains the constant SMBus input threshold
specification across the entire supply voltage range of
2.7V to 5.5V.
Figure 2. LTC1623 Programmed with Address 1011001
1
2
3
4
8
7
6
5
VCC
GA
GB
AD1
DATA
CLK
AD0
GND
DATA
CLOCK
LTC1623
LOAD1
1M
1M
LOAD2
1623 F02
Table 1. Address Pin Truth Table
AD0
AD1
ADDRESS
GND
GND
1011000
GND
VCC/2
1011001
GND
VCC
1011010
VCC/2
GND
1011011
VCC/2
VCC/2
UNUSED
VCC/2
VCC
1011100
VCC
GND
1011101
VCC
VCC/2
1011110
VCC
VCC
1011111
OPERATIO


Similar Part No. - LTC1623CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1623 LINER-LTC1623 Datasheet
124Kb / 12P
   SMBus Dual High Side Switch Controller
LTC1623 LINER-LTC1623_15 Datasheet
124Kb / 12P
   SMBus Dual High Side Switch Controller
More results

Similar Description - LTC1623CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1623 LINER-LTC1623_15 Datasheet
124Kb / 12P
   SMBus Dual High Side Switch Controller
LTC1710 LINER-LTC1710_15 Datasheet
206Kb / 8P
   SMBus Dual Monolithic High Side Switch
LTC1710 LINER-LTC1710 Datasheet
219Kb / 8P
   SMBus Dual Monolithic High Side Switch
logo
Freescale Semiconductor...
07XSC200 FREESCALE-07XSC200 Datasheet
764Kb / 51P
   Dual High Side Switch
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
   Dual High-Side Switch
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
   Dual High-Side Switch
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com