Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4312 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4312
Description  Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4312 Datasheet(HTML) 4 Page - Linear Technology

  LTC4312_15 Datasheet HTML 1Page - Linear Technology LTC4312_15 Datasheet HTML 2Page - Linear Technology LTC4312_15 Datasheet HTML 3Page - Linear Technology LTC4312_15 Datasheet HTML 4Page - Linear Technology LTC4312_15 Datasheet HTML 5Page - Linear Technology LTC4312_15 Datasheet HTML 6Page - Linear Technology LTC4312_15 Datasheet HTML 7Page - Linear Technology LTC4312_15 Datasheet HTML 8Page - Linear Technology LTC4312_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4312
4
4312f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VCC2 = 3.3V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILEAK
Input Leakage Current
DISCEN = ENABLE1-2 = 5.5V
l
0.1
±10
μA
IACC(IN, HL)
ACC High, Low Input Current
VCC = 5V, VACC = 5V, 0V
l
±23
±40
μA
IACC(IN, Z)
Allowable Leakage Current in
Open State
VCC = 5V
l
±5
μA
IACC(EN, Z)
ACC High Z Input Current
VCC = 5V
l
±5
μA
VACC(L, TH)
ACC Input Low Threshold
Voltages
VCC = 5V
l
0.2•VCC
0.3•VCC
0.4•VCC
V
VACC(H,TH)
ACC Input High Threshold
Voltages
VCC = 5V
l
0.7•VCC
0.8•VCC
0.9•VCC
V
Stuck Low Timeout Circuitry
tTIMEOUT
Bus Stuck Low Timer
SDAOUT or SCLOUT < 0.3•VCC
l
35
45
55
ms
VFAULT(OL)
FAULT Output Low Voltage
IFAULT = 3mA
l
0.4
V
IFAULT(OH)
FAULT Leakage Current
l
0.1
±5
μA
I2C Interface Timing
fSCL(MAX)
I2C Frequency Max
(Note 6)
l
400
kHz
tPDHL
SDA, SCL Fall Delay
VCC = 3V to 5.5V, CBUS = 50pF, IBUS = 1mA (Note 6)
60
100
ns
tf
SDA, SCL Fall Times
VCC = 3V to 5.5V, CBUS = 50pF, IBUS = 1mA (Note 6)
10
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive and all voltages are referenced to
GND unless otherwise indicated.
Note 3: SDAIN, SCLIN pulled low.
Note 4: VMIN = minimum of VCC and VCC2 if VCC2 > 2.25V else VMIN = VCC.
Note 5: VIL is tested for the following (VCC, VCC2) combinations:
(2.9V, 5.5V), (5.5V, 2.25V), (3.3V, 3.3V) and (5V, 0V).
Note 6: Guaranteed by design and not tested.
Note 7: Measured in a special DC mode with VSDA,SCL = VRTA(TH) + 1V.
The transient IRTA seen during rising edges when ACC is low will depend
on the bus loading condition and the slew rate of the bus. The LTC4312’s
internal slew rate control circuitry limits the maximum bus rise rate to
75V/μs by controlling the transient IRTA.


Similar Part No. - LTC4312_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4312 LINER-LTC4312 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4312 LINER-LTC4312 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4312 LINER-LTC4312 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4312 LINER-LTC4312 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4312 LINER-LTC4312 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4312_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4312 LINER-LTC4312 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314_15 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4305CDHD LINER-LTC4305CDHD Datasheet
213Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4302-2 LINER-LTC4302-2_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1 Datasheet
293Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4306 LINER-LTC4306 Datasheet
268Kb / 20P
   4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com