Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1594LIS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1594LIS
Description  4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594LIS Datasheet(HTML) 1 Page - Linear Technology

  LTC1594LIS Datasheet HTML 1Page - Linear Technology LTC1594LIS Datasheet HTML 2Page - Linear Technology LTC1594LIS Datasheet HTML 3Page - Linear Technology LTC1594LIS Datasheet HTML 4Page - Linear Technology LTC1594LIS Datasheet HTML 5Page - Linear Technology LTC1594LIS Datasheet HTML 6Page - Linear Technology LTC1594LIS Datasheet HTML 7Page - Linear Technology LTC1594LIS Datasheet HTML 8Page - Linear Technology LTC1594LIS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1594L/LTC1598L
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATION
The LTC
®1594L/LTC1598L are 3V micropower, 12-bit
sampling A/D converters that feature 4- and 8-channel
multiplexers, respectively. They typically draw only 160
µA
of supply current when converting and automatically
power down to a typical supply current of 1nA between
conversions. The LTC1594L is available in a 16-pin SO
package and the LTC1598L is packaged in a 24-pin
SSOP. Both operate on a 3V supply. The 12-bit, switched-
capacitor, successive approximation ADCs include a
sample-and-hold.
On-chip serial ports allow efficient data transfer to a wide
range of microprocessors and microcontrollers over three
or four wires. This, coupled with micropower consump-
tion, makes remote location possible and facilitates trans-
mitting data through isolation barriers.
The circuit can be used in ratiometric applications or with
an external reference. The high impedance analog inputs
and the ability to operate with reduced spans (to 1.5V full
scale) allow direct connection to sensors and transducers
in many applications, eliminating the need for gain stages.
4- and 8-Channel,
3V Micropower Sampling
12-Bit Serial I/O A/D Converters
s
12-Bit Resolution on 3V Supply
s
Low Supply Current: 160
µA Typ
s
Auto Shutdown to 1nA
s
Guaranteed
±3/4LSB Max DNL
s
Guaranteed 2.7V Operation
(5V Versions Available: LTC1594/LTC1598)
s
Multiplexer: 4-Channel MUX (LTC1594L)
8-Channel MUX (LTC1598L)
s
Separate MUX Output and ADC Input Pins
s
MUX and ADC May Be Controlled Separately
s
Sampling Rate: 10.5ksps
s
I/O Compatible with QSPI, SPI and MICROWIRE
TM, etc.
s
Small Package: 16-Pin Narrow SO (LTC1594L)
24-Pin SSOP (LTC1598L)
s
Pen Screen Digitizing
s
Battery-Operated Systems
s
Remote Data Acquisition
s
Isolated Data Acquisition
s
Battery Monitoring
s
Temperature Measurement
MICROWIRE is a trademark of National Semiconductor Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
SAMPLE FREQUENCY (kHz)
0.1
1
10
100
1000
1
10
100
1594L/98L TA02
TA = 25°C
VCC = 2.7V
VREF = 2.5V
fCLK = 200kHz
Supply Current vs Sample Rate
12
µW, 8-Channel, 12-Bit ADC Samples at 200Hz and Runs Off a 3V Supply
ANALOG
INPUTS
0V TO 3V
RANGE
1k
1
µF
OPTIONAL
ADC FILTER
20
21
22
23
24
1
2
3
8
4, 9
MPU
SERIAL DATA LINK
MICROWIRE AND
SPI COMPATABLE
10
6
5, 14
7
11
12
13
18
17
16
15, 19
1
µF
3V
1594L/98L TA01
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
GND
CSADC
CSMUX
CLK
DIN
DOUT
NC
NC
ADCIN
LTC1598L
MUXOUT
VREF VCC
+
12-BIT
SAMPLING
ADC
8-CHANNEL
MUX


Similar Part No. - LTC1594LIS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1594L LINER-LTC1594L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
More results

Similar Description - LTC1594LIS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1594L LINER-LTC1594L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598L LINER-LTC1598L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_1 Datasheet
240Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594 Datasheet
430Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598 LINER-LTC1598_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com