Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS39100CW33RP Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS39100CW33RP
Description  1A Ultra Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39100CW33RP Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS39100CW33RP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39100CW33RP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39100CW33RP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39100CW33RP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39100CW33RP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39100CW33RP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39100CW33RP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS39100
1A Ultra Low Dropout Voltage Regulator
2/7
Version: C11
Electrical Characteristics
VIN = VOUT + 1V, VIN =2.5V for fixed reference output voltage, Venable= 2.25V, Ta = 25
oC, unless otherwise
specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
10mA
≤ I
L
≤ 1.0A,
Vo+1V
≤ V
IN
≤ 8V
0.980|Vo|
VOUT
1.020|Vo|
V
10mA
≤ I
L
≤ 1.0A,
2.5V
≤ V
IN
≤ 16V
0.970|Vo|
1.030|Vo|
V
Line Regulation
IL=10mA, Vo+1V
≤ V
IN
≤ 16V
--
0.05
0.5
%
Load Regulation
VIN =Vout+1V, 8mA
≤I
L
≤300mA
--
0.05
0.1
%
VIN =Vout+1V, 10mA
≤I
L
≤1A
--
0.2
1.0
Output Voltage Temp. Coefficient
--
40
100
ppm/
oC
Dropout Voltage (Note 5)
∆VOUT = -1%
IL=100mA
IL=500mA
IL=1.0A
--
--
--
100
275
400
250
350
630
mV
Quiescent Current (Note 6)
VIN= VOUT +1V
IL=100mA
IL=500mA
IL=1.0A
--
--
--
0.7
6
17
--
--
23
mA
Current Limited
VOUT =0, VIN = VOUT +1V
--
1.8
--
A
Thermal Performance
Condition
Package type
Typ
Unit
Thermal Resistance Junction to Case
SOT-223
15
oC/W
TO-252
10
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note 2: The device is not guaranteed to operate outside its operating rating.
Note 3: Devices are ESD sensitive. Handling precautions recommended.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the
junction to ambient thermal resistance, ӨJA, and the ambient temperature, Ta. Exceeding the maximum
allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal
shutdown. The effective value of ӨJA can be reduced by using a heat sink, Pd(max) = (TJ(max) – Ta) / ӨJA.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops -1% below its
nominal value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of
the ground pin current and output load current, IGND = IIN - IOUT for fix output voltage, , IGND = IIN - IOUT
+10mA for fix reference output voltage in full load regulation.
Note 8: Output voltage temperature coefficient is ∆VOUT (worse cast) / (TJ(max) – TJ(MIN)) where is TJ(max) +125
oC and
TJ(MIN) is 0
oC.


Similar Part No. - TS39100CW33RP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39100CW33 TSC-TS39100CW33 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS39100CW33RP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_07 Datasheet
455Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_08 Datasheet
347Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ112 ACUTECH-AQ112 Datasheet
618Kb / 10P
   Ultra-Low Dropout 1A Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_08 Datasheet
579Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
logo
Fitipower Integrated Te...
FP6153 FITIPOWER-FP6153 Datasheet
364Kb / 7P
   1A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com