Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC847BS
Description  DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BS Datasheet(HTML) 3 Page - Diodes Incorporated

  BC847BS_15 Datasheet HTML 1Page - Diodes Incorporated BC847BS_15 Datasheet HTML 2Page - Diodes Incorporated BC847BS_15 Datasheet HTML 3Page - Diodes Incorporated BC847BS_15 Datasheet HTML 4Page - Diodes Incorporated BC847BS_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC847BS
Document number: DS30222 Rev. 13 - 2
3 of 5
www.diodes.com
February 2013
© Diodes Incorporated
BC847BS
Typical Electrical Characteristics (@TA = +25°C unless otherwise specified.)
0
50
100
150
200
250
0120
200
T , AMBIENT TEMPERATURE ( C)
Figure 1 Power Derating Curve
A
°
160
40
80
1
10
100
1,000
1.010100
0.1
0.01
I , COLLECTOR CURRENT (mA)
Figure 2 Typical DC Current Gain vs. Collector Current
C
0
0.1
0.2
0.3
0.4
0.5
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
C
Figure 3 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
10
100
1,000
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
C
T = 25 C
A
°
V
= 10V
CE
5V
2V
Figure 4 Typical Gain-Bandwidth Product
vs. Collector Current


Similar Part No. - BC847BS_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC847BS UTC-BC847BS_15 Datasheet
119Kb / 3P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - BC847BS_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT3904VC DIODES-MMDT3904VC Datasheet
178Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30636 Rev. 3 - 2
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
BC847BS DIODES-BC847BS_1 Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
   NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com