Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1590C Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1590C
Description  Dual Serial 12-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1590C Datasheet(HTML) 3 Page - Linear Technology

  LTC1590C Datasheet HTML 1Page - Linear Technology LTC1590C Datasheet HTML 2Page - Linear Technology LTC1590C Datasheet HTML 3Page - Linear Technology LTC1590C Datasheet HTML 4Page - Linear Technology LTC1590C Datasheet HTML 5Page - Linear Technology LTC1590C Datasheet HTML 6Page - Linear Technology LTC1590C Datasheet HTML 7Page - Linear Technology LTC1590C Datasheet HTML 8Page - Linear Technology LTC1590C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1590
VCC = 4.5V to 5.5V, VREF = 10V, VOUT1 = VOUT2 = AGND = DGND = 0V, TA = TMIN to TMAX, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Outputs
COUT
Output Capacitance (Note 3)
DAC Register Loaded to All 1s
q
60
90
pF
DAC Register Loaded to All 0s
q
30
60
pF
Digital Input
VIH
Digital Input High Voltage
q
2.4
V
VIL
Digital Input Low Voltage
q
0.8
V
IIN
Digital Input Current
q
0.001
±1
µA
CIN
Digital Input Capacitance
(Note 3) VIN = 0V
q
8pF
Digital Output
VOH
Digital Output High Voltage
IOH = 200µA
q
4V
VOL
Digital Output Low Voltage
IOH = 1.6mA
q
0.4
V
Timing Characteristics
t1
DIN to CLK Setup Time
q
50
ns
t2
DIN to CLK Setup Hold Time
q
0ns
t3
CLK High Time
q
40
ns
t4
CLK Low Time
q
40
ns
t5
CS/LD High Time
q
50
ns
t6
LSB CLK to CS/LD
q
40
ns
t7
CS/LD Low to CLK High
q
20
ns
t8
CLK Low to CS/LD Low
q
20
ns
t9
CLK to DOUT Delay
q
10
160
ns
Power Supply
VCC
Operating Supply Range
q
4.5
5
5.5
V
ICC
Supply Current
Digital Inputs = 0V or VCC
q
10
µA
Note 8: Glitch on DAC A or DAC B output when the other DAC makes a
full-scale transition.
Note 9: 10Hz to 100kHz. Calculation from en = √4KTRB where:
K = Boltzmann constant (J/K
°); R = resistance (Ω); T = resistor temperature
(
°K); B = bandwidth (Hz).
Note10: VREF = 6VRMS at 1kHz. DAC register loaded with all 1s, using
LT
®1124 op amp.
Note 11: VREF = ±10V, 10kHz sine wave, DAC register loaded with all 0s,
using LT1358 op amp.
Note 12: –3dB bandwidth using LT1358 op amp.
The q denotes specifications which apply over the full operating
temperature range.
Note 1:
±0.5LSB = ±0.012% of full scale.
Note 2: Using internal feedback resistor.
Note 3: Guaranteed by design, not subject to test.
Note 4: IOUT1 with DAC register loaded with all 0s.
Note 5: OUT1 load = 100
Ω in parallel with 13pF.
Note 6: VREF = 0V. DAC register contents changed from all 0s to all 1s or
all 1s to all 0s.
Note 7: DAC A output with VREF A = 0V and VREF B = 10kHz 20VP-P, or
DAC B output with VREF B = 0V, VREF A = 10kHz 20VP-P. Both DAC registers
loaded with all 1s.


Similar Part No. - LTC1590C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1590 LINER-LTC1590 Datasheet
257Kb / 12P
   Dual Serial 12-Bit Multiplying DAC
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
   Dual Serial 12-Bit Multiplying DAC
More results

Similar Description - LTC1590C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
   Dual Serial 12-Bit Multiplying DAC
logo
Analog Devices
AD5441 AD-AD5441 Datasheet
281Kb / 16P
   12-Bit Serial Input Multiplying DAC
Rev. PrA
logo
Linear Technology
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
   Serial 12-Bit Multiplying DAC in SO-8
LTC8043 LINER-LTC8043 Datasheet
175Kb / 4P
   Serial 12-Bit Multiplying DAC in SO-8
logo
Maxim Integrated Produc...
MAX514 MAXIM-MAX514 Datasheet
384Kb / 8P
   CMOS Quad, 12-Bit, Serial-Input Multiplying DAC
Rev 1; 2/97
logo
Analog Devices
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5405 AD-AD5405_18 Datasheet
836Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com