Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS16T
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16T Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS16T_15 Datasheet HTML 1Page - Diodes Incorporated BAS16T_15 Datasheet HTML 2Page - Diodes Incorporated BAS16T_15 Datasheet HTML 3Page - Diodes Incorporated BAS16T_15 Datasheet HTML 4Page - Diodes Incorporated BAS16T_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS16T, BAW56T,
BAV70T, BAV99T
Document number: DS30260 Rev. 11 - 2
1 of 5
www.diodes.com
April 2015
© Diodes Incorporated
BAS16T, BAW56T,
BAV70T, BAV99T
SURFACE MOUNT FAST SWITCHING DIODE
Features
Ultra-Small Surface Mount Package
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT-523
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe
(Lead-Free Plating); Solderable per MIL-STD-202, Method 208
Polarity: See Diagrams Below
Weight: 0.002 grams (Approximate)
TOP VIEW
BAS16T Marking: A2
BAW56T Marking: JD
BAV70T Marking: JJ
BAV99T Marking: JE
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
BAS16T-7-F
Standard
SOT-523
3,000/Tape & Reel
BAW56T-7-F
Standard
SOT-523
3,000/Tape & Reel
BAV70T-7-F
Standard
SOT-523
3,000/Tape & Reel
BAV99T-7-F
Standard
SOT-523
3,000/Tape & Reel
BAV99TQ-13-F
Automotive
SOT-523
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2002
2003
2004
…..
2015
2016
2017
2018
2019
2020
2021
Code
N
P
R
…..
C
D
E
F
G
H
I
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT-523
XX = Product Type Marking Code (See this page, e.g. A2 = BAS16T)
YM = Date Code Marking
Y = Year (ex: C = 2015)
M = Month (ex: 9 = September)
XXYM
SOT-523


Similar Part No. - BAS16T_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS16T SECOS-BAS16T_15 Datasheet
1Mb / 2P
   Plastic-Encapsulate Diodes
More results

Similar Description - BAS16T_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com