Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1560-1CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1560-1CS8
Description  1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1560-1CS8 Datasheet(HTML) 7 Page - Linear Technology

  LTC1560-1CS8 Datasheet HTML 1Page - Linear Technology LTC1560-1CS8 Datasheet HTML 2Page - Linear Technology LTC1560-1CS8 Datasheet HTML 3Page - Linear Technology LTC1560-1CS8 Datasheet HTML 4Page - Linear Technology LTC1560-1CS8 Datasheet HTML 5Page - Linear Technology LTC1560-1CS8 Datasheet HTML 6Page - Linear Technology LTC1560-1CS8 Datasheet HTML 7Page - Linear Technology LTC1560-1CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1560-1
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS N
Augmenting the LTC1560-1 for Improved Delay Flatness
Gain vs Frequency
1MHz Lowpass Filter Cascaded with a 30kHz 3rd Order Highpass Filter
FREQUENCY (kHz)
0.1
–60
–50
–40
–30
–20
–10
1
10
100
1000
10,000
1560-1 TA10
–70
–80
–90
–100
–110
0
10
+
+
–5V
5V
0.1
µF
0.1
µF
2.61k
560pF
560pF
560pF
3
1k
23.7k
2
4
8
1/2 LT1364
1
6
5
1/2 LT1364
7
0.1
µF
39pF
(OR – 5V)
0.01
µF
0.1
µF
0.01
µF
VIN
1560-1 TA09
560pF
GND
V
V +
GND
VIN
1
4
3
2
8
5
6
7
VOUT
SHDN
0.5fC/fC
LTC1560-1
+
+
5V
2
6.49k
6.65k
49.9
22pF
0.1
µF
0.1
µF
22pF
9.75k
20k
40.2k
3
VOUT
1/2 LT1364
1
6
5
4
8
5V
1/2 LT1364
–5V
7
0.1
µF
(OR – 5V)
0.01
µF
0.01
µF
0.1
µF
VIN
–5V
1560-1 TA05
GND
V
V +
GND
VIN
1
4
3
2
8
5
6
7
VOUT
SHDN
0.5fC/fC
LTC1560-1
2-Level Eye Diagram of the Equalized Filter
2Mbps/s
1560-1 TA06


Similar Part No. - LTC1560-1CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1560-1 LINER-LTC1560-1 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LTC1560-1 LINER-LTC1560-1 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
More results

Similar Description - LTC1560-1CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1566-1 LINER-LTC1566-1_15 Datasheet
140Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1565-31 LINER-LTC1565-31_15 Datasheet
188Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31_1 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
logo
KR Electronics, Inc.
2987 KR-2987 Datasheet
48Kb / 3P
   Elliptic Lowpass
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com