Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1550LCS8-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1550LCS8-2
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550LCS8-2 Datasheet(HTML) 3 Page - Linear Technology

  LTC1550LCS8-2 Datasheet HTML 1Page - Linear Technology LTC1550LCS8-2 Datasheet HTML 2Page - Linear Technology LTC1550LCS8-2 Datasheet HTML 3Page - Linear Technology LTC1550LCS8-2 Datasheet HTML 4Page - Linear Technology LTC1550LCS8-2 Datasheet HTML 5Page - Linear Technology LTC1550LCS8-2 Datasheet HTML 6Page - Linear Technology LTC1550LCS8-2 Datasheet HTML 7Page - Linear Technology LTC1550LCS8-2 Datasheet HTML 8Page - Linear Technology LTC1550LCS8-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1550L/LTC1551L
fOSC
Internal Oscillator Frequency
900
kHz
VOL
REG Output Low Voltage
IREG = 1mA, VCC = 5V
q
0.1
0.8
V
IREG
REG Sink Current
VREG = 0.8V, VCC = 5V
q
410
mA
VIH
SHDN Input High Voltage
VCC = 5V
q
2V
VIL
SHDN Input Low Voltage
VCC = 5V
q
0.8
V
IIN
SHDN Input Current
VSHDN = VCC (All LTC1550L Versions)
q
0.1
1
µA
VSHDN = VCC (All LTC1551L Versions)
q
520
µA
tON
Turn-On Time
VCC = 5V, IOUT = 10mA, –1.5V ≤ VOUT ≤ 4.1V
q
15
ms
(LTC1550L/LTC1551L)
VCC = 5V, IOUT = 5mA, VOUT = – 4.5V
q
15
ms
(LTC1550L/LTC1551L)
VCC = 5V, IOUT = 10mA, VOUT = – 2V
q
15
ms
(LTC1550L-2)
VCC = 5V, IOUT = 10mA, VOUT = – 2.5V
q
15
ms
(LTC1550L-2.5)
VCC = 5V, IOUT = 10mA, VOUT = – 4.1V
q
15
ms
(LTC1550L-4.1/LTC1551L-4.1)
VOUT
Output Regulation
2.7V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 5mA
q
– 1.537
– 1.5
– 1.463
V
(LTC1550L/LTC1551L)
2.8V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 10mA
q
– 1.537
– 1.5
– 1.463
V
3.5V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 20mA
q
– 1.537
– 1.5
– 1.463
V
VOUT
Output Regulation
2.7V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 5mA
q
– 2.05
– 2.0
– 1.95
V
(LTC1550L/LTC1550L-2/
3.1V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 10mA
q
– 2.05
– 2.0
– 1.95
V
LTC1551L)
3.75V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 20mA
q
– 2.05
– 2.0
– 1.95
V
VOUT
Output Regulation
3.05V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 5mA
q
– 2.562
– 2.5
– 2.438
V
(LTC1550L/LTC1550L-2.5/
3.45V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 10mA
q
– 2.562
– 2.5
– 2.438
V
LTC1551L)
4.1V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 20mA
q
– 2.562
– 2.5
– 2.438
V
VOUT
Output Regulation
3.45V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 5mA
q
– 3.075
– 3.0
– 2.925
V
(LTC1550L/LTC1551L)
3.85V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 10mA
q
– 3.075
– 3.0
– 2.925
V
4.5V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 20mA
q
– 3.075
– 3.0
– 2.925
V
VOUT
Output Regulation
3.9V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 5mA
q
– 3.587
– 3.5
– 3.413
V
(LTC1550L/LTC1551L)
4.2V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 10mA
q
– 3.587
– 3.5
– 3.413
V
4.85V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 20mA
q
– 3.587
– 3.5
– 3.413
V
VOUT
Output Regulation
4.5V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 5mA
q
– 4.203
– 4.1
– 3.998
V
(LTC1550L/LTC1550L-4.1)
4.75V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 10mA
q
– 4.203
– 4.1
– 3.998
V
(LTC1551L/LTC1551L-4.1)
VOUT
Output Regulation
4.8V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 5mA
q
– 4.613
– 4.5
– 4.388
V
(LTC1550L/LTC1551L))
5.1V
≤ VCC ≤ 5.25V, 0 ≤ IOUT ≤ 10mA
q
– 4.613
– 4.5
– 4.388
V
ISC
Output Short-Circuit Current
VOUT = 0V, VCC = 5.25V
q
80
200
mA
VRIPPLE
Output Ripple Voltage
1mV
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 2.7V to 5.25V, C1 = CCP = 0.1µF, COUT = 10µF, TA = 25°C unless otherwise specified. (Note 3)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified. All typicals are given at TA = 25°C.
Note 3: The LTC1550LC/LTC1551LC are guaranteed to meet specified
performance from 0
°C to 70°C and are designed, characterized and
expected to meet these extended temperature limits, but are not tested at
–40
°C and 85°C. The LTC1550LI is guaranteed to meet the extended
temperature limits.


Similar Part No. - LTC1550LCS8-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1550L LINER-LTC1550L Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results

Similar Description - LTC1550LCS8-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com