Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1546I Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1546I
Description  Software-Selectable Multiprotocol Transceiver with Termination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1546I Datasheet(HTML) 3 Page - Linear Technology

  LTC1546I Datasheet HTML 1Page - Linear Technology LTC1546I Datasheet HTML 2Page - Linear Technology LTC1546I Datasheet HTML 3Page - Linear Technology LTC1546I Datasheet HTML 4Page - Linear Technology LTC1546I Datasheet HTML 5Page - Linear Technology LTC1546I Datasheet HTML 6Page - Linear Technology LTC1546I Datasheet HTML 7Page - Linear Technology LTC1546I Datasheet HTML 8Page - Linear Technology LTC1546I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1546
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fOSC
Charge Pump Oscillator Frequency
500
kHz
tr
Charge Pump Rise Time
No-Cable Mode/Power-Off to Normal Operation
2
ms
Logic Inputs and Outputs
VIH
Logic Input High Voltage
q
2V
VIL
Logic Input Low Voltage
q
0.8
V
IIN
Logic Input Current
D1, D2, D3
q
±10
µA
M0, M1, M2, DCE = GND
q
– 120
– 75
– 30
µA
M0, M1, M2, DCE = VCC
q
±10
µA
VOH
Output High Voltage
IO = – 3mA
q
3
4.5
V
VOL
Output Low Voltage
IO = 3mA
q
0.3
0.45
V
IOSR
Output Short-Circuit Current
0V
≤ VO ≤ VCC
q
–50
50
mA
IOZR
Three-State Output Current
M0 = M1 = M2 = VCC, 0V ≤ VO ≤ VCC
±1
µA
V.11 Driver
VODO
Open Circuit Differential Output Voltage
RL = 1.95k (Figure 1)
q
± 5V
VODL
Loaded Differential Output Voltage
RL = 50Ω (Figure 1)
0.5VODO
0.67VODO
V
RL = 50Ω (Figure 1)
q
±2V
∆VOD
Change in Magnitude of Differential
RL = 50Ω (Figure 1)
q
0.2
V
Output Voltage
VOC
Common Mode Output Voltage
RL = 50Ω (Figure 1)
q
3V
∆VOC
Change in Magnitude of Common Mode
RL = 50Ω (Figure 1)
q
0.2
V
Output Voltage
ISS
Short-Circuit Current
VOUT = GND
±150
mA
IOZ
Output Leakage Current
VAand VB≤ 0.25V, Power Off or
q
± 1
±100
µA
No-Cable Mode or Driver Disabled
tr, tf
Rise or Fall Time
(Figures 2, 13)
q
215
25
ns
tPLH
Input to Output Rising
(Figures 2, 13)
q
15
40
65
ns
tPHL
Input to Output Falling
(Figures 2, 13)
q
15
40
65
ns
∆t
Input to Output Difference,
tPLH – tPHL(Figures 2, 13)
q
03
12
ns
tSKEW
Output to Output Skew
(Figures 2, 13)
3
ns
V.11 Receiver
VTH
Input Threshold Voltage
– 7V
≤ VCM ≤ 7V
q
– 0.2
0.2
V
∆VTH
Input Hysteresis
– 7V
≤ VCM ≤ 7V
q
15
40
mV
RIN
Input Impedance
–7V
≤ VCM ≤ 7V (Figure 3)
q
100
103
tr, tf
Rise or Fall Time
CL = 50pF (Figures 4, 14)
15
ns
tPLH
Input to Output Rising
CL = 50pF (Figures 4, 14)
q
50
90
ns
tPHL
Input to Output Falling
CL = 50pF (Figures 4, 14)
q
50
90
ns
∆t
Input to Output Difference,
tPLH – tPHLCL = 50pF (Figures 4, 14)
q
04
25
ns
V.35 Driver
VOD
Differential Output Voltage
Open Circuit, RL = 1.95k (Figure 5)
q
±1.2
V
With Load, – 4V
≤ VCM ≤ 4V (Figure 6)
±0.44
±0.55
±0.66
V
VOA, VOB
Single-Ended Output Voltage
Open Circuit, RL = 1.95k (Figure 5)
q
±1.2
V
VOC
Transmitter Output Offset
RL = 50Ω (Figure 5)
q
±0.6
V
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC1546I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
   Software-Selectable Multiprotocol Transceiver with Termination
More results

Similar Description - LTC1546I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
   Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343_15 Datasheet
398Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com