Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1546 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1546
Description  Software-Selectable Multiprotocol Transceiver with Termination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1546 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1546 Datasheet HTML 5Page - Linear Technology LTC1546 Datasheet HTML 6Page - Linear Technology LTC1546 Datasheet HTML 7Page - Linear Technology LTC1546 Datasheet HTML 8Page - Linear Technology LTC1546 Datasheet HTML 9Page - Linear Technology LTC1546 Datasheet HTML 10Page - Linear Technology LTC1546 Datasheet HTML 11Page - Linear Technology LTC1546 Datasheet HTML 12Page - Linear Technology LTC1546 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1546
Figure 15. V.28 Driver Propagation Delays
Figure 16. V.28 Receiver Propagation Delays
VIH
VIL
1.3V
0.8V
1.7V
2.4V
tPHL
VOH
VOL
A
R
tPLH
1546 F16
3V
0V
1.5V
0V
–3V
3V
1.5V
0V
3V
–3V
tPHL
tf
VO
–VO
D
A
tPLH
tr
1546 F15
SR = 6V
tf
SR = 6V
tr
SWITCHI G TI E WAVEFOR S
Overview
The LTC1546 and LTC1544 form a complete software-
selectable DTE or DCE interface port that supports the
RS232, RS449, EIA530, EIA530-A, V.35, V.36 and X.21
protocols. Cable termination is provided on-chip, elimi-
nating the need for discrete termination designs.
A complete DCE-to-DTE interface operating in EIA530
mode is shown in Figure 17. The LTC1546 half of each port
is used to generate and appropriately terminate the clock
and data signals. The LTC1544 is used to generate the
control signals along with LL (Local Loopback).
Mode Selection
The interface protocol is selected using the mode select
pins M0, M1 and M2 (see Table 1).
For example, if the port is configured as a V.35 interface,
the mode selection pins should be M2 = 1, M1 = 0, M0 = 0.
For the control signals, the drivers and receivers will
operate in V.28 (RS232) electrical mode. For the clock and
data signals, the drivers and receivers will operate in V.35
electrical mode. The DCE/DTE pin will configure the port
for DCE mode when high, and DTE when low.
The interface protocol may be selected simply by plugging
the appropriate interface cable into the connector. The
mode pins are routed to the connector and are left uncon-
nected (1) or wired to ground (0) in the cable as shown in
Figure 18. The internal pull-up current sources will ensure
a binary 1 when a pin is left unconnected.
The mode selection may also be accomplished by using
jumpers to connect the mode pins to ground or VCC.
When the cable is removed, leaving all mode pins uncon-
nected, the LTC1546/LTC1544 will enter no-cable mode.
In this mode the LTC1546/LTC1544 supply current drops
to less than 500
µA and the LTC1546/LTC1544 driver
outputs are forced into a high impedance state. At the
same time, the R2 and R3 receivers of the LTC1546 are
differentially terminated with 103
Ω and the other receiv-
ers on the LTC1546 and LTC1544 are terminated with
30k
Ω to ground.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1546

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
   Software-Selectable Multiprotocol Transceiver with Termination
More results

Similar Description - LTC1546

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
   Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343_15 Datasheet
398Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com