Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1543CG Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1543CG
Description  Software-Selectable Multiprotocol Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1543CG Datasheet(HTML) 1 Page - Linear Technology

  LTC1543CG Datasheet HTML 1Page - Linear Technology LTC1543CG Datasheet HTML 2Page - Linear Technology LTC1543CG Datasheet HTML 3Page - Linear Technology LTC1543CG Datasheet HTML 4Page - Linear Technology LTC1543CG Datasheet HTML 5Page - Linear Technology LTC1543CG Datasheet HTML 6Page - Linear Technology LTC1543CG Datasheet HTML 7Page - Linear Technology LTC1543CG Datasheet HTML 8Page - Linear Technology LTC1543CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1543
Software-Selectable
Multiprotocol Transceiver
, LTC and LT are registered trademarks of Linear Technology Corporation.
D2
D1
LTC1544
RTS
DTR
DSR
DCD
CTS
D3
R2
R1
R4
R3
D2
LTC1543
LL
TXD
SCTE
TXC
RXC
RXD
2
14
24
11
15
12
17
9
3
1
4
19
20
623
22
5
13
8
10
18
7
16
1543 TA01
LTC1344A
D3
R2
R1
R3
D1
DB-25 CONNECTOR
D4
DTE or DCE Multiprotocol Serial Interface with DB-25 Connector
s
Data Networking
s
CSU and DSU
s
Data Routers
s
Software-Selectable Transceiver Supports:
RS232, RS449, EIA530, EIA530-A, V.35, V.36, X.21
s
TUV/Detecon Inc. Certified NET1 and NET2
Compliant (Test Report No. NET2/102201/97)
s
TBR2 Compliant (Test Report No. CTR2/022701/98)
s
Software-Selectable Cable Termination Using
the LTC1344A
s
Complete DTE or DCE Port with LTC1544, LTC1344A
s
Operates from Single 5V Supply
The LTC
®1543 is a 3-driver/3-receiver multiprotocol trans-
ceiver that operates from a single 5V supply. The LTC1543
and LTC1544 form the core of a complete software-select-
able DTE or DCE interface port that supports the RS232,
RS449, EIA530, EIA530-A, V.35, V.36 or X.21 protocols.
Cable termination may be implemented using the LTC1344A
software-selectable cable termination chip or by using exist-
ing discrete designs.
The LTC1543 runs from a single 5V supply using an internal
charge pump that requires only five space-saving surface
mounted capacitors. The part is available in a 28-lead SSOP
surface mount package.
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1543CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results

Similar Description - LTC1543CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343_15 Datasheet
398Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545_15 Datasheet
268Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845_15 Datasheet
255Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844_15 Datasheet
246Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844 Datasheet
241Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com