Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1540I Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1540I
Description  Nanopower Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1540I Datasheet(HTML) 4 Page - Linear Technology

  LTC1540I Datasheet HTML 1Page - Linear Technology LTC1540I Datasheet HTML 2Page - Linear Technology LTC1540I Datasheet HTML 3Page - Linear Technology LTC1540I Datasheet HTML 4Page - Linear Technology LTC1540I Datasheet HTML 5Page - Linear Technology LTC1540I Datasheet HTML 6Page - Linear Technology LTC1540I Datasheet HTML 7Page - Linear Technology LTC1540I Datasheet HTML 8Page - Linear Technology LTC1540I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1540
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–60
0
0.2
0.5
–20
20
40
1540 G01
0.1
0.4
0.3
–40
0
60
80
100
V + = 5V
V = GND = 0V
V + = 2V
V = GND = 0V
V + = 3V
V = GND = 0V
Supply Current vs Temperature
Reference Voltage
Load Regulation (Source)
OUTPUT SOURCE CURRENT (mA)
0
0
2
5
1
2
1540 G04
1
4
3
3
4
V + = 5V
V = GND = 0V
TA = 25°C
Comparator Short-Circuit Current
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
120
160
200
8
1540 G07
80
40
100
140
180
60
20
0
2
4
6
19
3
5
7
10
TA = 25°C
OUTPUT
CONNECTED TO
V = GND = 0V;
SOURCE
CURRENT
OUTPUT
CONNECTED
TO V +; SINK
CURRENT
VREF – VHYST (mV)
0
80
60
40
20
0
–20
–40
–60
–80
40
1540 G09
10
20
30
50
Hysteresis Control
Comparator Output Voltage (Low)
vs Load Current
LOAD CURRENT (mA)
0
0
1.0
2.5
20
40
1540 G06
0.5
2.0
1.5
60
80
10
30
50
70
TA = 25°C
V+ = 5V
V+ = 3V
V+ = 2V
Reference Voltage
Load Regulation (Sink)
OUTPUT SINK CURRENT (
µA)
0
0
1
3
4
5
10
7
10
20
25
1540 G03
2
8
9
6
515
30
35
40
V + = 5V
V = GND = 0V
TA = 25°C
TEMPERATURE (
°C)
–60
1.182
1.184
1.186
80
100
1540 G02
1.180
1.178
1.172
–40
020
–20
40
60
1.174
1.176
1.190
1.188
V + = 5V
V = GND = 0V
Reference Voltage vs Temperature
Comparator Output Voltage (High)
vs Load Current
LOAD CURRENT (mA)
0
0
2
5
20
40
1540 G05
1
4
3
60
80
10
30
50
70
TA = 25°C
V+ = 5V
V+ = 3V
V+ = 2V
Comparator Response Time
vs Input Overdrive
INPUT VOLTAGE (mV)
60
70
80
80
1540 G08
50
40
55
65
75
45
35
30
20
40
60
10
90
30
50
70
100 110
TA = 25°C
V+ = 5V
V = GND = 0V
tPLH
tPHL


Similar Part No. - LTC1540I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540IDD LINER-LTC1540IDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540IMS8 LINER-LTC1540IMS8 Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540IS8 LINER-LTC1540IS8 Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
More results

Similar Description - LTC1540I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Burr-Brown (TI)
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com