Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF16 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # SF16
Description  Plastic Super Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SF16 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  SF16 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SF16 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
反向电压
50 ---600V
正向电流
1.0 A
SF11
SF12
SF13
SF14
SF15
SF16
SF18
50
100
150
300
400
600
50
100
150
300
400
600
35
70
105
210
280
420
65
30
1.0
5.0
SF11 ...... SF18
35
1.3
0.95
200
200
140
SIYU R
最大反向电流
TA= 25℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
V
μA
nS
IR
trr
Maximum reverse current
Type junction capacitance
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 1.0A
pF
50
最大正向电压
Maximum forward voltage
Cj
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
1.0(25.4)
MIN
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)
DIA
DIA
.034(0.9)
.028(0.7)
DO-41
Unit:inch(mm)
Reverse Voltage 50 to 600V
Forward Current 1.0A
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
RθJA
1.7
大昌电子
DACHANG ELECTRONICS
SF11
SF12
SF13
SF14
SF15
SF16
SF18
特征 Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·引线和管体皆符合
RoHS标准 。
Lead and body according with RoHS standard
TA=100℃
100
塑封超快速整流二极管
Plastic Super Fast Recover Rectifier


Similar Part No. - SF16

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF16 YANGJIE-SF16 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Mospec Semiconductor
SF16 MOSPEC-SF16 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
DONGGUAN YOU FENG WEI E...
SF16 YFWDIODE-SF16 Datasheet
86Kb / 3P
   High current capability
logo
Leshan Radio Company
SF16 LRC-SF16 Datasheet
55Kb / 2P
   SUPER FAST DIODES
logo
Guangdong Juxing Electr...
SF16 JUXING-SF16 Datasheet
689Kb / 2P
   Superfast Recovery Rectitiers
More results

Similar Description - SF16

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SF51 DACHANG-SF51_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
ER200 DACHANG-ER200_15 Datasheet
120Kb / 2P
   Plastic Super Fast Recover Rectifier
ER300 DACHANG-ER300_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
ER100 DACHANG-ER100_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
SF31 DACHANG-SF31_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
BYV26A DACHANG-BYV26A_15 Datasheet
119Kb / 2P
   Plastic Super Fast Recover Rectifier
SF21 DACHANG-SF21_15 Datasheet
120Kb / 2P
   Plastic Super Fast Recover Rectifier
SF61 DACHANG-SF61_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com