Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS19450CSRLG Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS19450CSRLG
Description  AC/DC WLED Driver with External MOSFET Universal High Brightness
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450CSRLG Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TS19450CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TS19450
Taiwan Semiconductor
Document Number: DS_P0000187
8
Version: B15
APPLICATION INFORMATION (CONTINUE)
Linear Dimming
The Linear Dimming pin is used to control the LED current. There are two cases when it may be necessary to use
the Linear Dimming pin.
*
In some cases, it may not be possible to find the exact value required to obtain the LED current when the R
CS
internal 250mV is used. In these cases, an external voltage divider from the VDD pin can be connected to the LD
pin to obtain a voltage (less than 250mV) corresponding to the desired voltage across RCS.
* Linear dimming may be desired to adjust the current level to reduce the intensity of the LEDs. In these cases, an
external 0~250mV voltage can be connected to the LD pin to adjust the LED current during operation.
To use the internal 250mV, the LD pin can be connected to VDD.
Note:
Although the LD pin can be pulled to GND, the output current will not go to zero. This is due to the presence of a
minimum on-time (which is equal to the sum of the blanking time and the delay to output time) which is about
450ns. This will cause the MOSFET to be on for a minimum of 450ns and thus the LED current when LD = GND
will not be zero. This current is also dependent on the input voltage, inductance value, forward voltage of the LEDs
and circuit parasitic. To get zero LED current, the PWMD pin has to be used.


Similar Part No. - TS19450CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19450CSRL TSC-TS19450CSRL Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

Similar Description - TS19450CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19451 TSC-TS19451 Datasheet
180Kb / 7P
   AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
   AC/DC WLED Driver with Internal MOSFET
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
   AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com