Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS19371 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19371
Description  Boost (Step-up) WLED Driver with OVP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19371 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19371
Boost (Step-up) WLED Driver with OVP
2/8
Version: H14
Absolute Maximum Rating
(Note 1)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
20
V
Supply Voltage (Recommended)
VIN
2.5 ~ 18
V
FB Voltage
VFB
10
V
SW Voltage
VSW
36
V
CTRL Voltage
VCTRL
10
V
Ambient Temperature Range
TA
-40 to +85
oC
Junction Temperature Range
TJ
-40 to +125
oC
Electrical Specifications (TC = 25
oC, V
IN= VCTRL=3V, CIN=1uF, COUT=0.22μF unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.5
--
18
V
Feedback Voltage
VFB
ISW=180mA,
VIN=5V
80
95
110
mV
FB Pin Bias Current
IB
10
45
100
nA
Supply Current
IQ
--
2.1
3.0
mA
CTRL=0V
--
0.1
1.0
μA
Switching Frequency
FRSW
0.8
1.2
1.6
MHz
Switch Current Limit
ICL
--
650
--
mA
Maximum Duty Cycle
DTMX
85
90
--
%
Switch VCESAT
VSAT
At ISW= 250mA
--
350
--
mV
Switch Leakage Current
ILKG
VSW=5V
--
0.01
5
μA
Voltage Enable Control
VCTL
High
1.5
--
--
V
Low
--
--
0.4
V
CTRL Pin Bias Current
ICTL
Ctrl=2V
--
65
--
μA
Over Voltage Protection
OVP
--
30
--
V
Thermal Information
(Note 2)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Thermal Resistance - Junction to Ambient
RӨJA
--
220
--
°C/W
Note 1: Absolute maximum ratings are limits beyond which damage to the device may occur.
Note 2: The maximum allowable power dissipation is a function of maximum function temperature, TJ(max), the
junction to ambient thermal resistance, RθJA, and the ambient temperature. The maximum allowable, power
dissipation at any ambient temperature is calculated using: PD(MAX)=[TJ(max)-TA]/RθJA . Exceeding the maximum
allowable power dissipation will cause excessive die temperature. All limits at temperature extremes are
guaranteed via correlation using standard statistical methods.


Similar Part No. - TS19371

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CSRL TSC-TS19371CSRL Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6 TSC-TS19371CX6 Datasheet
495Kb / 8P
   Inherently Matched LED Current
TS19371CX6RF TSC-TS19371CX6RF Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
More results

Similar Description - TS19371

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com