Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1530C Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1530C
Description  High Power Synchronous Switching Regulator Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530C Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1530C Datasheet HTML 6Page - Linear Technology LTC1530C Datasheet HTML 7Page - Linear Technology LTC1530C Datasheet HTML 8Page - Linear Technology LTC1530C Datasheet HTML 9Page - Linear Technology LTC1530C Datasheet HTML 10Page - Linear Technology LTC1530C Datasheet HTML 11Page - Linear Technology LTC1530C Datasheet HTML 12Page - Linear Technology LTC1530C Datasheet HTML 13Page - Linear Technology LTC1530C Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1530
Figure 5b is derived based on the condition that
ILMAX = ILOAD + IRIPPLE/2. Therefore, it only provides the
minimum RIMAX value. It must be understood that during
the initial power-up phase (VOUT = 0V), the initial start-up
ILMAX can be much higher than the steady state condition
ILMAX. Therefore, RIMAX must be selected with the start-up
ILMAX in mind. In general, high output capacitance com-
bined with a low value inductor increases the start-up
ILMAX. Figures 6a and 6b plot the start-up ILMAX vs output
capacitance and inductance for unloaded and loaded con-
ditions with the current limit circuit disabled. Figures 6a
and 6b are provided as examples. Actual ILMAX under
start-up conditions must be measured for any application
circuit so that RIMAX can be properly chosen.
In order for the current limit circuit to operate properly and
to obtain a reasonably accurate current limit threshold, the
IMAX and IFB pins must be Kelvin sensed at Q1’s drain and
source pins. A 0.1
µF decoupling capacitor can also be
connected across RIMAX to filter switching noise. In addi-
tion, LTC recommends that the voltage drop across the
RIMAX resistor be set to ≥100mV. Otherwise, noise spikes
or ringing at Q1’s source can cause the actual current limit
to be greater than the desired current limit set point.
MOSFET Gate Drive
The PVCC supply must be greater than the input supply
voltage, VIN, by at least one power MOSFET VGS(ON) for
efficient operation. This higher voltage can be supplied
with a separate supply, or it can be generated using a
simple charge pump as shown in Figure 7. The 86%
maximum duty cycle ensures sufficient off-time to refresh
the charge pump during each cycle.
As PVCC is powered up from 0V, the LTC1530 undervoltage
lockout circuit prevents G1 and G2 from pulling high until
PVCC reaches about 3.5V. To prevent Q1’s high RDS(ON)
from triggering the current limit comparator while PVCC is
slewing, the current limit circuit is disabled until PVCC is
≥8V. In addition, on start-up or recovery from thermal
shutdown, the driver logic is designed to hold G2 low until
G1 first goes high.
ILMAX (A)
0
5500
4500
3500
2500
1500
500
16 18
1530 F05b
4
26
810
14
12
20
RIMAX ≥ 500Ω
ILMAX = ILOAD + IRIPPLE/2
Q1 RDS(ON) = 0.05Ω
0.04
0.03
0.02
0.01
Figure 5b. Minimum Required RIMAX vs ILMAX
OUTPUT CAPACITANCE (mF)
0
25
20
15
10
5
0
2
46
8
1530 F06a
10
12
TA = 25°C
VIN = 5V
ILOAD = 0A
L = 1.2
µH
L = 4.7
µH
L = 2.4
µH
Figure 6a. Start-Up ILMAX vs Output Capacitance
OUTPUT CAPACITANCE (mF)
0
30
25
20
15
10
5
0
2
46
8
1530 F06b
10
12
TA = 25°C
VIN = 5V
ILOAD = 10A
L = 1.2
µH
L = 4.7
µH
L = 2.4
µH
Figure 6b. Start-Up ILMAX vs Output Capacitance
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1530C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1530 LINER-LTC1530 Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1530 LINER-LTC1530 Datasheet
311Kb / 24P
   High Power Synchronous Switching Regulator Controller
LTC1530 LINER-LTC1530_15 Datasheet
311Kb / 24P
   High Power Synchronous Switching Regulator Controller
More results

Similar Description - LTC1530C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1530 LINER-LTC1530_15 Datasheet
311Kb / 24P
   High Power Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703 LINER-LTC3703_15 Datasheet
453Kb / 34P
   100V Synchronous Switching Regulator Controller
LTC3703 LINER-LTC3703 Datasheet
490Kb / 32P
   100V Synchronous Switching Regulator Controller
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831-1 LINER-LTC3831-1_15 Datasheet
274Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831 LINER-LTC3831_15 Datasheet
219Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831-1 LINER-LTC3831-1 Datasheet
268Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com