Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP25A Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # RGP25A
Description  Plastic Fast Recover Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

RGP25A Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  RGP25A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd RGP25A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RGP
25A
RGP
25B
RGP
25D
RGP
25G
RGP
25J
RGP
25K
RGP
25M
1000
50
100
200
400
600
800
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
15
125
2.5
1.3
5.0
200
RGP
25MT
1000
1000
700
RGP
25A
RGP
25B
RGP
25D
RGP
25G
RGP
25J
RGP
25K
RGP
25M
RGP
25MT
塑封快恢复整流二极管
反向电压
50 ---1000 V
正向电流
2.5 A
150
250
300
250
50
V
μA
nS
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻 Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
Plastic Fast Recover Rectifiers
Reverse Voltage 50 to 1000V
Forward Current 2.5A
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大反向电流
TA= 25℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
IR
trr
Maximum reverse current
Type junction capacitance
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 2.5A
最大正向电压
Maximum forward voltage
Cj
pF
TA=100℃
RθJA
RGP25A ...... RGP25MT
SIYU R
大昌电子
DACHANG ELECTRONICS
·引线和管体皆符合
RoHS标准 。
Lead and body according with RoHS standard
DO-15L
Unit:mm
25.4
25.4
7.5±0.2
4.0±0.2
0.8±0.1
MIN
MIN


Similar Part No. - RGP25A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RGP25A GE-RGP25A Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
First Components Intern...
RGP25A FCI-RGP25A Datasheet
169Kb / 2P
   2.5 Amp FAST SWITCHING MEGARECTIFIERS
logo
Gulf Semiconductor
RGP25A GULFSEMI-RGP25A Datasheet
137Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
logo
Vishay Siliconix
RGP25A VISHAY-RGP25A Datasheet
75Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Rugao Dachang Electroni...
RGP25A DACHANG-RGP25A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
More results

Similar Description - RGP25A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
RGP15A DACHANG-RGP15A_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers
RGP20A DACHANG-RGP20A_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers
RGP10A DACHANG-RGP10A_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers
RGP30A DACHANG-RGP30A_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers
EG01Z DACHANG-EG01Z_15 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifiers
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
TVR1B DACHANG-TVR1B_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com