Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS9013SCYRMG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9013SCYRMG
Description  500mA Low Quiescent Current CMOS LDO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9013SCYRMG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9013SCYRMG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9013SCYRMG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9013SCYRMG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9013SCYRMG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9013SCYRMG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS9013
500mA Low Quiescent Current CMOS LDO
3/5
Version: G13
SOT-89 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug,
W=Sep, X=Oct, Y=Nov, Z=Dec)
L
= Lot Code
X
= Fixed Output Voltage Code
18=1.8V, 25=2.5V, 33=3.3V, 50=5.0V.
SOT-89 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.40
1.75
0.055
0.069
C
2.40
2.60
0.094
0.102
D
0.36
0.48
0.014
0.018
E
1.40
1.60
0.054
0.063
F
2.90
3.10
0.114
0.122
G
0.89
1.20
0.035
0.047
H
--
4.25
--
0.167
I
1.40
1.60
0.055
0.068
J
0.38
0.43
0.014
0.017


Similar Part No. - TS9013SCYRMG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9013SCY TSC-TS9013SCY Datasheet
116Kb / 3P
   500mA CMOS Low Dropout Voltage Regulator
More results

Similar Description - TS9013SCYRMG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com