Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1517-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1517-5
Description  Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1517-5 Datasheet(HTML) 1 Page - Linear Technology

  LTC1517-5 Datasheet HTML 1Page - Linear Technology LTC1517-5 Datasheet HTML 2Page - Linear Technology LTC1517-5 Datasheet HTML 3Page - Linear Technology LTC1517-5 Datasheet HTML 4Page - Linear Technology LTC1517-5 Datasheet HTML 5Page - Linear Technology LTC1517-5 Datasheet HTML 6Page - Linear Technology LTC1517-5 Datasheet HTML 7Page - Linear Technology LTC1517-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1517-5
TYPICAL APPLICATION
Micropower, Regulated
5V Charge Pump in a
5-Pin SOT-23 Package
s
Ultralow Power: ICC = 6µA Typ
s
Short-Circuit/Thermal Protected
s
5V
±4% Regulated Output
s
VIN Range: 2.7V to 5V
s
Output Current: 10mA (VIN 2.7V)
20mA (VIN 3V)
s
No Inductors
s
Ultrasmall Application Circuit (0.045in2)
s
800kHz Switching Frequency
s
Available in 5-Pin SOT-23
FEATURES
DESCRIPTION
The LTC
®1517-5 is a micropower charge pump DC/DC
converter that produces a regulated 5V output. The input
voltage range is 2.7V to 5V. Extremely low operating current
(typically 6
µAwithnoload)andlowexternalpartscount(one
0.1
µFflyingcapacitorandtwosmallbypasscapacitorsatVIN
and VOUT) make the part ideally suited for small, light load
battery-powered applications. The total printed circuit board
area of the application circuit shown below is only 0.045in2.
The part operates as a Burst Mode
TM switched-capacitor
voltage doubler to produce a regulated output. The part has
thermal shutdown capability and can survive a continuous
short circuit from VOUT to GND. The device is available in a
5-pin SOT-23 package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
OUTPUT CURRENT (mA)
0
5.0
5.1
80
1517 TA02
4.9
4.8
20
40
60
5.2
VIN = 3.3V
VIN = 3V
VIN = 2.7V
TA = 25°C
C1 = 0.1
µF
COUT = 6.8µF
Typical Output Voltage vs Output Current
3.3
µF
1517 TA01
12
3
4
5
0.1
µF
6.8
µF
VOUT = 5V ± 4%
IOUT = 10mA (VIN ≥ 2.7V)
IOUT = 20mA (VIN ≥ 3V)
VIN
2.7V TO 5V
VIN
GND
LTC1517-5
VOUT
C1+
C1
s
Cellular Telephones
s
Battery-Operated Equipment
s
Local Power Supplies
s
Handheld Instruments
s
PCMCIA Supplies
APPLICATIONS


Similar Part No. - LTC1517-5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1517-5 LINEAR-LTC1517-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
More results

Similar Description - LTC1517-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
Linear Technology
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com