Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2271 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2271
Description  16-Bit, 20Msps Serial Low Noise Dual ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2271 Datasheet(HTML) 3 Page - Linear Technology

  LTC2271_15 Datasheet HTML 1Page - Linear Technology LTC2271_15 Datasheet HTML 2Page - Linear Technology LTC2271_15 Datasheet HTML 3Page - Linear Technology LTC2271_15 Datasheet HTML 4Page - Linear Technology LTC2271_15 Datasheet HTML 5Page - Linear Technology LTC2271_15 Datasheet HTML 6Page - Linear Technology LTC2271_15 Datasheet HTML 7Page - Linear Technology LTC2271_15 Datasheet HTML 8Page - Linear Technology LTC2271_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
2271f
LTC2271
CONVERTER CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
16
Bits
Integral Linearity Error
Differential Analog Input (Note 6)
l
–2.6
±1
2.6
LSB
Differential Linearity Error
Differential Analog Input
l
–0.8
±0.2
0.8
LSB
Offset Error
(Note 7)
l
–7
±1.3
7
mV
Gain Error
Internal Reference
External Reference
l
–1.6
±1.2
–0.3
1
%FS
%FS
Offset Drift
±10
μV/°C
Full-Scale Drift
Internal Reference
External Reference
±30
±10
ppm/°C
ppm/°C
Gain Matching
l
–0.2
±0.06
0.2
%FS
Offset Matching
l
–10
±1.5
10
mV
Transition Noise
1.44
LSBRMS
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
1.7V < VDD < 1.9V
l
1 to 2.1
VP-P
VIN(CM)
Analog Input Common Mode (AIN+ + AIN–)/2 Differential Analog Input (Note 8)
l
0.65
VCM
VCM + 200mV
V
VSENSE
External Voltage Reference Applied to SENSE
External Reference Mode
l
0.625
1.250
1.300
V
IINCM
Analog Input Common Mode Current
Per Pin, 20Msps
32
μA
IIN1
Analog Input Leakage Current (No Encode)
0 < AIN+, AIN– < VDD
l
–1
1
μA
IIN2
PAR/SER Input Leakage Current
0 < PAR/SER < VDD
l
–1
1
μA
IIN3
SENSE Input Leakage Current
0.625V < SENSE < 1.3V
l
–2
2
μA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Jitter
Single-Ended Encode
Differential Encode
85
100
fsRMS
fsRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
BW–3B
Full-Power Bandwidth
Figure 5 Test Circuit
200
MHz


Similar Part No. - LTC2271_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2271 LINER-LTC2271 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2271 LINER-LTC2271 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
LTC2271 LINER-LTC2271 Datasheet
1Mb / 22P
   16-Bit, 10Msps SAR ADC
LTC2271 LINER-LTC2271 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
LTC2271 LINER-LTC2271 Datasheet
1Mb / 22P
   16-Bit, 15Msps SAR ADC
More results

Similar Description - LTC2271_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2271 LINER-LTC2271 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com