Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1759 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1759
Description  Smart Battery Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759 Datasheet(HTML) 3 Page - Linear Technology

  LTC1759_15 Datasheet HTML 1Page - Linear Technology LTC1759_15 Datasheet HTML 2Page - Linear Technology LTC1759_15 Datasheet HTML 3Page - Linear Technology LTC1759_15 Datasheet HTML 4Page - Linear Technology LTC1759_15 Datasheet HTML 5Page - Linear Technology LTC1759_15 Datasheet HTML 6Page - Linear Technology LTC1759_15 Datasheet HTML 7Page - Linear Technology LTC1759_15 Datasheet HTML 8Page - Linear Technology LTC1759_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1759
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BOOST Pin Current
VBOOST = VSW + 8V, 0V ≤ VSW ≤ 20V
TGATE High
2
3
mA
TGATE Low
2
3
mA
VBOOST Threshold to Turn TGATE Off
Measured at (VBOOST – VSW)
(Note 6)
Low to High
q
6.8
7.3
7.6
V
Hysteresis
0.25
V
BOOSTC Pin Current
VBOOSTC = VCC + 8V
1
mA
Sense Amplifier CA1 Gain and Input Offset Voltage
11V
≤ VCC ≤ 24V, 0V ≤ VBAT ≤ 20V
(With RS2 = RS3 = 200Ω)RSET = 4.93k
q
92
100
108
mV
(Measured Across RS1) (Note 4)
RSET = 49.3k
7
10
13
mV
CA1 Bias Current (SENSE, BAT1)
VSDB = High
q
– 50
–120
µA
VSDB = Low (Shutdown)
–10
µA
CA1 Input Common Mode Range
q
– 0.25
VCC – 0.3
V
SPIN Input Current
VSDB = High, VSPIN = 12.6V
q
2mA
VSDB = Low
10
µA
CL1 Turn-On Threshold
0.5mA Output Current
87
92
97
mV
CL1 Transconductance
Output Current from 50
µA to 500µA
0.5
1
3
mho
CLP Input Current
0.5mA Output Current
1
3
µA
CLN Input Current
0.5mA Output Current
0.8
2
mA
CA2 Transconductance
VC = 1V, IVC = ±1µA
150
200
300
µmho
VA Transconductance (Note 5)
Ouput Current from 50
µA to 500µA
0.21
0.6
1
mho
Gate Drivers
VGBIAS
VCC ≥ 11V, IGBIAS ≤ 15mA, VSDB = High
q
8.4
9.1
9.6
V
VTGATE High (VTGAGE – VSW)ITGATE ≤ 20mA
q
5.6
6.6
V
VBGATE High
IBGATE ≤ 20mA
q
6.2
7.2
V
VTGATE Low (VTGATE – VSW)ITGATE ≤ 50mA
q
0.8
V
VBGATE Low
IBGATE ≤ 50mA
q
0.8
V
INFET “ON” Clamping Voltage (VCC – VINFET)
q
6.5
7.8
9
V
INFET “ON” Drive Current
VINFET = VCC – 6V
q
820
mA
INFET “OFF” Clamping Voltage
VCC Not Connected, IINFET < – 2µA
1.4
V
INFET “OFF” Drive Current
VCC = 12.4V, (VCC – VINFET) ≥ 2V
–2.5
mA
VTGATE, VBGATE at Shutdown
VSDB = Low, ITGATE = IBGATE = 10µA
q
1V
Trip Points
DCDIV Threshold
VDCDIV Rising from 0.8V to 1.2V
q
0.9
1.0
1.1
V
DCDIV Hysteresis
25
mV
DCDIV Input Bias Current
VDCDIV = 1V
q
100
nA
Power-Fail Indicator (VBAT2 ≥ VDCIN) (Note 7)
AC_PRESENT = 1, VDCIN = 6V
q
0.84
0.89
0.97
V/V
Power-Fail Indicator Hysteresis (VBAT2 ≥ VDCIN)
AC_PRESENT = 1, VDCIN = 6V
0.02
V/V
SYNC Pin Threshold
0.9
1.4
2.0
V
SYNC Pin Input Current
VSYNC = 0V
– 500
µA
VSYNC = 2V
–30
µA
The q denotes specifications which apply over the full operating temperature range (TJ = 0°C to 100°C), otherwise specifications are
TA = 25°C. VCC = DCIN = 18V, VBAT1, 2 = 12.6V, VDD = 3.3V unless otherwise specified.


Similar Part No. - LTC1759_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1759CG LINER-LTC1759CG Datasheet
362Kb / 28P
   Smart Battery Charger
More results

Similar Description - LTC1759_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
   Smart Battery Charger
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
   Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
   Smart Battery Charger Controller
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
   Smart Battery Charger Controller
logo
Volgen Kaga Electronics...
LABC7-6V VOLGEN-LABC7-6V Datasheet
86Kb / 2P
   6V Lead-Acid Battery Smart Charger
LABC14-12V VOLGEN-LABC14-12V Datasheet
88Kb / 2P
   12V Lead-Acid Battery Smart Charger
logo
RRC power solutions Ltd...
RRC-SMB-UBC RRC-RRC-SMB-UBC Datasheet
322Kb / 4P
   Standard battery charger for smart batteries
RRC-SMB-FPC RRC-RRC-SMB-FPC Datasheet
299Kb / 4P
   Standard battery charger for smart batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com