Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1516 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1516
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1516 Datasheet(HTML) 3 Page - Linear Technology

  LTC1516 Datasheet HTML 1Page - Linear Technology LTC1516 Datasheet HTML 2Page - Linear Technology LTC1516 Datasheet HTML 3Page - Linear Technology LTC1516 Datasheet HTML 4Page - Linear Technology LTC1516 Datasheet HTML 5Page - Linear Technology LTC1516 Datasheet HTML 6Page - Linear Technology LTC1516 Datasheet HTML 7Page - Linear Technology LTC1516 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1516
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs Input Voltage
Efficiency vs Input Voltage
No Load Supply Current vs
Input Voltage
Output Current vs Input Voltage
INPUT VOLTAGE (V)
50
60
70
80
90
5.0
1516 • G01
2.0
2.5
3.0
4.0
4.5
3.5
IOUT = 10mA
INPUT VOLTAGE (V)
0
40
20
100
120
80
60
5
1516 • G02
23
4
C1 = C2
= 0.22
µF
C1 = C2
= 0.047
µF
C1 = C2
= 0.022
µF
C1 = C2
= 0.1
µF
C1 = C2 = 0.01
µF
COUT = 10µF
TA = 25°C
INPUT VOLTAGE (V)
5
10
15
20
5
1516 • G03
234
INPUT VOLTAGE (V)
IOUT = 20mA
4.90
4.95
5.05
5.00
5.10
6
5
1516 • G04
2
13
4
OUTPUT CURRENT (mA)
4.90
5.10
5.05
5.00
4.95
1516 • G05
0.01
0.1
1
10
100
VIN = 3V
Output Voltage vs Output Current
IOUT,
0mA TO 25mA,
10mA/DIV
VOUT,
AC COUPLED,
100mV/DIV
1516 • G04
Load Transient Response, VIN = 3V
PIN FUNCTIONS
C1+ (Pin 1): Flying Capacitor 1, Positive Terminal.
VIN (Pin 2): Input Supply Voltage.
VOUT (Pin 3): 5V Output Voltage (VOUT = 0V in Shutdown).
C2+ (Pin 4): Flying Capacitor 2, Positive Terminal.
C2 (Pin 5): Flying Capacitor 2, Negative Terminal.
GND (Pin 6): Ground.
SHDN (Pin 7): Active High CMOS Logic-Level Shutdown
Input.
C1 (Pin 8): Flying Capacitor 1, Negative Terminal.


Similar Part No. - LTC1516

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1516 LINEAR-LTC1516 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
92Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
More results

Similar Description - LTC1516

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
   DC-DC CONVERTER REGULATED 5V CHARGE PUMP
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com