Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1515 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1515
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1515 Datasheet(HTML) 2 Page - Linear Technology

  LTC1515 Datasheet HTML 1Page - Linear Technology LTC1515 Datasheet HTML 2Page - Linear Technology LTC1515 Datasheet HTML 3Page - Linear Technology LTC1515 Datasheet HTML 4Page - Linear Technology LTC1515 Datasheet HTML 5Page - Linear Technology LTC1515 Datasheet HTML 6Page - Linear Technology LTC1515 Datasheet HTML 7Page - Linear Technology LTC1515 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1515 Series
ABSOLUTE MAXIMUM RATINGS
(Note 1)
VIN to GND ................................................ – 0.3V to 12V
VOUT to GND ............................................. – 0.3V to 12V
SHDN, 5/3, FB to GND .............................. – 0.3V to 12V
VOUT Short-Circuit Duration ............................. Indefinite
Operating Temperature Range
Commercial ............................................. 0
°C to 70°C
Industrial ............................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
ORDER PART
NUMBER
S8 PART MARKING
LTC1515CS8-3/5
LTC1515CS8-3.3/5
LTC1515IS8-3/5
LTC1515IS8-3.3/5
151535
515335
515I35
15I335
TJMAX = 125°C, θJA = 110°C/W
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
VIN
C1+
C1
SHDN
POR
5/3
GND
S8 PACKAGE
8-LEAD PLASTIC SO
LTC1515CS8
LTC1515IS8
S8 PART MARKING
1515
1515I
TJMAX = 125°C, θJA = 110°C/W
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
VIN
C1+
C1
SHDN
POR
FB
GND
S8 PACKAGE
8-LEAD PLASTIC SO
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
VIN = 2V to 10V, SHDN = 3V, C1 = 0.22µF, CIN = COUT = 10µF unless otherwise noted (Note 2).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
VOUT = 5V
q
2.7
10
V
VOUT = 3V/3.3V
q
2.0
8
V
VOUT = ADJ
q
2.0
10
V
VOUT = 3V (LTC1515-3/5)
2V
≤ VIN ≤ 8V, IOUT ≤ 15mA
q
2.88
3.0
3.12
V
3V
≤ VIN ≤ 8V, IOUT ≤ 50mA
q
2.88
3.0
3.12
V
VOUT = 3.3V (LTC1515-3.3/5)
2V
≤ VIN ≤ 8V, IOUT ≤ 15mA
q
3.17
3.3
3.43
V
3V
≤ VIN ≤ 8V, IOUT ≤ 50mA
q
3.17
3.3
3.43
V
VOUT = 5V (LTC1515-3/5, LTC1515-3.3/5)
2.7V
≤ VIN ≤ 10V, IOUT ≤ 15mA
q
4.8
5.0
5.2
V
3.3V
≤ VIN ≤ 10V, IOUT ≤ 50mA
q
4.8
5.0
5.2
V
VFB Feedback Voltage
LTC1515, VFB Ramping Negative
q
1.190
1.232
1.275
V
VFB Feedback Hysteresis
LTC1515
1
%
Effective Output Resistance
LTC1515, VIN = 3V, Step-Up Mode
q
30
VIN Operating Current
VIN ≤ 5V, IOUT = 0, SHDN = 3V
q
60
100
µA
VIN > 5V, IOUT = 0, SHDN = 3V
q
75
135
µA
VIN Shutdown Current
SHDN = 0V, VIN ≤ 5V
q
1
µA
SHDN = 0V, VIN > 5V
25
µA
Output Ripple
Full Load (Note 2)
100
mVP-P
Switching Frequency
Full Load
q
500
650
800
kHz
5/3, SHDN Input Threshold
VIL
q
0.4
1.0
V
VIH
q
1.0
1.6
V
5/3, SHDN Input Current
5/3, SHDN = VIN
q
–1
1
µA
5/3, SHDN = 0V
q
–1
1
µA
FB Input Current
FB = 1.232V
q
–50
50
nA
POR Output Low Voltage
ISINK = 100µA, VIN = 3V
q
0.05
0.4
V


Similar Part No. - LTC1515

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1515 LINER-LTC1515 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LTC1515 LINER-LTC1515 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
logo
Linear Integrated Syste...
LTC1515 LINEAR-LTC1515 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1515 LINER-LTC1515 Datasheet
219Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
logo
Analog Devices
LTC1515 AD-LTC1515 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results

Similar Description - LTC1515

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1515 LINER-LTC1515_15 Datasheet
219Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
logo
Linear Technology
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com