Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS431-Z Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part No. TS431-Z
Description  Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

TS431-Z Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TS431-Z
Adjustable Precision Shunt Regulator
9/10
Version: C14
SOT-23 Mechanical Drawing
Unit: Millimeters
Marking Diagram
Rx = Device Code
R1 = TS431A (
±1%)
RA = TS431AR (
±1%)
R2 = TS431B (
±0.5%)
Y
= Year Code
2 = 2012, 3 = 2012, 4 = 2014 ………….
W = Week Code
01 ~ 26 (A~Z)
27 ~ 52 (a ~ z)
X
= Internal ID Code


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn