Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH0015C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0015C
Description  Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0015C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0015C_15 Datasheet HTML 1Page - Solid States Devices, Inc SH0015C_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0015C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638-5223
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SED110 __ __ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Voltage
30 = 30 V
Package
LB = Sedpack 3
LE = Sedpack 3 with Lead
LT = Sedpack 3 with Lead and Heatsink
SED110LB30, SED110LE30,
and SED110LT30
110 A / 30 V
Schottky Rectifier
FEATURES:
• 30 Volt Schottky Rectifier
• Average Output Current 110 Amps
• Low Reverse Leakage
• Low Forward Voltage Drop
• Hermetically Sealed Power Surface Mount
Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• TX, TXV, and Space Level Screening
Available
2/. Consult Factory.
MAXIMUM RATINGS 3/
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking Voltage
VRRM
VRWM
VR
30
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TC = 100
oC)
IO
110
Amps
Peak Surge Current (8.3 ms pulse, half sine wave superimposed on Io,
allow Junction to reach equilibrium between pulses, TA = 25
oC)
IFSM
1000
Amps
Operating & Storage Temperature
TOP & Tstg
-55 to +150
oC
Maximum Thermal Resistance
(Junction to Case)
RθJC
0.3
oC/W
SEDPACK 3 (LB)
SEDPACK 3 with Lead (LE)
SEDPACK 3 with Lead and Heatsink (LT)
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.


Similar Part No. - SH0015C_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0015C SSDI-SH0015C Datasheet
99Kb / 2P
   Schottky Rectifier
More results

Similar Description - SH0015C_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com