Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1481I Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1481I
Description  Ultra-Low Power RS485 Transceiver with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1481I Datasheet(HTML) 6 Page - Linear Technology

  LTC1481I Datasheet HTML 1Page - Linear Technology LTC1481I Datasheet HTML 2Page - Linear Technology LTC1481I Datasheet HTML 3Page - Linear Technology LTC1481I Datasheet HTML 4Page - Linear Technology LTC1481I Datasheet HTML 5Page - Linear Technology LTC1481I Datasheet HTML 6Page - Linear Technology LTC1481I Datasheet HTML 7Page - Linear Technology LTC1481I Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1481
SWITCHI G TI E WAVEFOR S
1.5V
tZL(SHDN), tZL
tZH(SHDN), tZH
1.5V
1.5V
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
RE
5V
0V
RO
RO
LTC1481 • F08
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
APPLICATIO S I FOR ATIO
Basic Theory of Operation
Traditionally, RS485 transceivers have been designed
using bipolar technology because the common-mode
range of the device must extend beyond the supplies and
the device must be immune to ESD damage and latch-up.
Unfortunately, most bipolar devices draw a large amount
of supply current, which is unacceptable for the numerous
applications that require low power consumption. The
LTC1481 is a CMOS RS485/RS422 transceiver which
features ultra-low power consumption without sacrificing
ESD and latch-up immunity.
The LTC1481 uses a proprietary driver output stage,
which allows a common-mode range that extends beyond
the power supplies while virtually eliminating latch-up and
providing excellent ESD protection. Figure 9 shows the
LTC1481 output stage while Figure 10 shows a conven-
tional CMOS output stage.
When the conventional CMOS output stage of Figure 10
enters a high impedance state, both the P-channel (P1)
and the N-channel (N1) are turned off. If the output is then
driven above VCC or below ground, the P+/N-well diode
(D1) or the N+/P-substrate diode (D2) respectively will
turn on and clamp the output to the supply. Thus, the
output stage is no longer in a high impedance state and is
not able to meet the RS485 common-mode range require-
ment. In addition, the large amount of current flowing
through either diode will induce the well-known CMOS
latch-up condition, which could destroy the device.
The LTC1481 output stage of Figure 9 eliminates these
problems by adding two Schottky diodes, SD3 and SD4.
The Schottky diodes are fabricated by a proprietary modi-
fication to the standard N-well CMOS process. When the
output stage is operating normally, the Schottky diodes
are forward biased and have a small voltage drop across
them. When the output is in the high impedance state and
is driven above VCC or below ground, the parasitic diode
D1 or D2 still turns on, but SD3 or SD4 will reverse bias and
prevent current from flowing into the N-well or the sub-
strate. Thus the high impedance state is maintained even
with the output voltage beyond the supplies. With no
minority carrier current flowing into the N-well or sub-
strate, latch-up is virtually eliminated under power-up or
power-down conditions.
1.5V
tPHL
RO
–VOD2
A – B
0V
0V
1.5V
tPLH
OUTPUT
INPUT
VOD2
VOL
VOH
LTC1481 • F07
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
Figure 7. Receiver Propagation Delays
Figure 8. Receiver Enable and Disable Times


Similar Part No. - LTC1481I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1481 LINER-LTC1481 Datasheet
155Kb / 8P
   Ultralow Power RS485 Transceiver with Shutdown
LTC1481 LINER-LTC1481 Datasheet
165Kb / 8P
   Ultralow Power RS485 Transceiver with Shutdown
LTC1481 LINER-LTC1481_1 Datasheet
155Kb / 8P
   Ultralow Power RS485 Transceiver with Shutdown
LTC1481 LINER-LTC1481_15 Datasheet
165Kb / 8P
   Ultralow Power RS485 Transceiver with Shutdown
More results

Similar Description - LTC1481I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1483 LINER-LTC1483 Datasheet
243Kb / 8P
   Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1483 LINER-LTC1483_15 Datasheet
197Kb / 8P
   Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1481 LINER-LTC1481_15 Datasheet
165Kb / 8P
   Ultralow Power RS485 Transceiver with Shutdown
LTC1481 LINER-LTC1481_1 Datasheet
155Kb / 8P
   Ultralow Power RS485 Transceiver with Shutdown
LTC1480 LINER-LTC1480 Datasheet
231Kb / 8P
   3.3V Ultra-Low Power RS485 Transceiver
LTC1487 LINER-LTC1487_15 Datasheet
184Kb / 8P
   Ultra-Low Power RS485 with Low EMI, Shutdown and High Input Impedance
LTC1487 LINER-LTC1487 Datasheet
224Kb / 8P
   Ultra-Low Power RS485 with Low EMI, Shutdown and High Input Impedance
LTC485 LINER-LTC485_06 Datasheet
282Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485IS8 LINER-LTC485IS8 Datasheet
294Kb / 14P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_15 Datasheet
308Kb / 14P
   Low Power RS485 Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com