Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1482 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1482
Description  Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1482 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1482 Datasheet HTML 4Page - Linear Technology LTC1482 Datasheet HTML 5Page - Linear Technology LTC1482 Datasheet HTML 6Page - Linear Technology LTC1482 Datasheet HTML 7Page - Linear Technology LTC1482 Datasheet HTML 8Page - Linear Technology LTC1482 Datasheet HTML 9Page - Linear Technology LTC1482 Datasheet HTML 10Page - Linear Technology LTC1482 Datasheet HTML 11Page - Linear Technology LTC1482 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1482
Driver Output High Voltage vs
Output Current
Driver Output Low Voltage vs
Output Current
Driver Propagation Delay vs
Temperature
Driver Skew vs Temperature
Driver Propagation Delay vs
Supply Voltage
Driver Short-Circuit Current vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–55
1482 G36
250
200
150
100
50
0
VCC = 5.25V
DRIVER OUTPUT HIGH
SHORT TO –7V
DRIVER OUTPUT LOW
SHORT TO 10V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1482 G34
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–35 –15
5
25
45
65
85 105 125
SUPPLY VOLTAGE (V)
4.5
4.75
5
5.25
5.5
1482 G35
40
35
30
25
20
15
10
5
0
TA = 25°C
tPLH
tPHL
TEMPERATURE (
°C)
–55
1482 G33
40
35
30
25
20
15
10
5
0
VCC = 5V
tPHL
tPLH
–35 –15
5
25
45
65
85 105 125
external (DE = 0) driver. A weak internal pull-up removes
the need for an external pull-up resistor if fast rise times
are not important. Several LTC1482s can share the same
CD line. CD = 1 forces RO to the high fail-safe state. In
shutdown, CD is three-stated. This pin can be pulled above
VCC but should not be taken above 8V to avoid damage.
DE (Pin 3): Driver Enable Input. DE = 0 disables or three-
states the driver outputs. DE = 1 enables the driver outputs
with the high/low state of the outputs set by DI/SHDN.
DI/SHDN (Pin 4): Driver Input and Shutdown Input. It is
used together with the DE pin to put the part in shutdown
PIN FUNCTIONS
RO (Pin 1): Receiver Output. If a carrier is present (CD low)
and the part is not in shutdown, RO is high if the receiver
input differential voltage (A – B)
≥ VTHRO(MAX) and low if
(A – B)
≤ VTHRO(MIN). RO is forced to high (fail-safe state)
if a carrier is not present (CD = 1). In shutdown, RO is
three-stated. If the driver is enabled, RO follows the logic
level at the driver input.
CD (Pin 2): Open-Drain Carrier Detect Output. Provided
that the part is not in shutdown, the CD output is low if
VTHCD(MIN) ≥ (A – B) ≥ VTHCD(MAX) and high if VTHCD(MIN)
< (A – B) < VTHCD(MAX). This is true regardless of whether
the A and B pins are driven by the internal (DE = 1) or an
OUTPUT CURRENT (mA)
0
10 20 30 40 50 60 70 80 90 100
1482 G32
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC = 4.75V
OUTPUT CURRENT (mA)
–100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0
1482 G31
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC = 4.75V


Similar Part No. - LTC1482

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1482 LINER-LTC1482 Datasheet
223Kb / 16P
   Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1482 LINER-LTC1482_15 Datasheet
223Kb / 16P
   Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
More results

Similar Description - LTC1482

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1482 LINER-LTC1482_15 Datasheet
223Kb / 16P
   Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1484 LINER-LTC1484_15 Datasheet
235Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1690 LINER-LTC1690 Datasheet
221Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
LTC1690 LINER-LTC1690_15 Datasheet
193Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
logo
AMAZING Microelectronic...
AZRS6605 AMAZING-AZRS6605 Datasheet
574Kb / 8P
   ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25
logo
Linear Technology
LTC1686 LINER-LTC1686 Datasheet
285Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com