Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TESDS5V0A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TESDS5V0A
Description  Steering Diode Structure ESD Protection Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDS5V0A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TESDS5V0A_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDS5V0A_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDS5V0A_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDS5V0A_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TESDS5V0A_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Small Signal Product
- Meet IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
- Meet IEC61000-4-4 (EFT) rating. 40A (5/50ns)
- Meet IEC61000-4-5 (Lightning) rating. 2A (8/20μs)
- Protects four directional I/O lines
- Working voltage: 5V
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOT-26 small outline plastic package
- Moisture sensitivity: level 1, per J-STD-020
- Weight: 16 ± 0.5 mg
- Marking code: V05
SYMBOL
UNIT
PPP
W
IPP
A
TJ , TSTG
oC
SYMBOL
UNIT
VRWM
V
V(BR)
V
IR
μA
CJ
pF
Document Number: DS_S1501025
Version: D15
TESDS5V0A
Taiwan Semiconductor
Steering Diode Structure ESD Protection Array
FEATURES
SOT-26
MECHANICAL DATA
- Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
Peak Pulse Power (tp=8/20μs waveform)
300
Peak Pulse Current (tp=8/20μs)
2
ESD per IEC 61000-4-2 (Air)
VESD
± 15
KV
ESD per IEC 61000-4-2 (Contact)
± 8
Junction and Storage Temperature Range
-55 to +150
PARAMETER
MIN
MAX
Reverse Stand-Off Voltage
-
5
Reverse Breakdown Voltage
IR = 1 mA
6-
Reverse Leakage Current
VR = 5 V
-1
Clamping Voltage
IPP = 1 A
VC
-
12.5
V
IPP = 2 A
-25
Junction Capacitance
VR = 0 V , f = 1.0 MHz
1.2


Similar Part No. - TESDS5V0A_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDS5V0ALC TSC-TESDS5V0ALC Datasheet
295Kb / 4P
   Steering Diode Structure ESD Protection Array
More results

Similar Description - TESDS5V0A_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDS5V0ALC TSC-TESDS5V0ALC Datasheet
295Kb / 4P
   Steering Diode Structure ESD Protection Array
TESDS5V0A TSC-TESDS5V0A Datasheet
284Kb / 4P
   Steering Diode Structure ESD Protection Array
TESDV5V0A TSC-TESDV5V0A_15 Datasheet
337Kb / 5P
   Steering Diode Structure ESD Protection Array
TESDV5V0A TSC-TESDV5V0A Datasheet
270Kb / 4P
   Steering Diode Structure ESD Protection Array
logo
Jinan Jing Heng Electro...
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
   ESD Protection Diode Array
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
   ESD Protection Diode Array
Rev. 2, 02-Jun-03
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
   ESD Protection Diode Array
ESDN10L2510C5V04R JINGHENG-ESDN10L2510C5V04R Datasheet
471Kb / 4P
   ESD Protection Diode Array
ESDT23A3V02V JINGHENG-ESDT23A3V02V Datasheet
494Kb / 4P
   ESD Protection Diode Array
ESDT23C5V02V JINGHENG-ESDT23C5V02V Datasheet
432Kb / 4P
   ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com