Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1478 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1478
Description  Single and Dual Protected High Side Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1478 Datasheet(HTML) 1 Page - Linear Technology

  LTC1478 Datasheet HTML 1Page - Linear Technology LTC1478 Datasheet HTML 2Page - Linear Technology LTC1478 Datasheet HTML 3Page - Linear Technology LTC1478 Datasheet HTML 4Page - Linear Technology LTC1478 Datasheet HTML 5Page - Linear Technology LTC1478 Datasheet HTML 6Page - Linear Technology LTC1478 Datasheet HTML 7Page - Linear Technology LTC1478 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1477/LTC1478
The LTC
®1477/LTC1478 protected high side switches
provide extremely low RDS(ON) switching with built-in
protection against short-circuit and thermal overload con-
ditions. A built-in charge pump generates gate drive
higher than the supply voltage to fully enhance the internal
NMOS switch. This switch has no parasitic body diode and
therefore no current flows through the switch when it is
turned off and the output is forced above the input supply
voltage. (DMOS switches have parasitic body diodes that
become forward biased under these conditions.)
Two levels of protection are provided by the
LTC1477/LTC1478. The first level of protection is short-
circuit current limit which is set at 2A. The short-circuit
current can be reduced to as low as 0.85A by disconnect-
ing portions of the power device (see Applications Infor-
mation). The second level of protection is provided by
thermal overload protection which limits the die tempera-
ture to approximately 130
°C.
The LTC1477 single is available in 8-lead SO packaging.
The LTC1478 dual is available in 16-lead SO packaging.
Single and Dual Protected
High Side Switches
FEATURES
DESCRIPTION
s
Extremely Low RDS(ON) Switch: 0.07
s
No Parasitic Body Diode
s
Built-In Short-Circuit Protection: 2A
s
Built-In Thermal Overload Protection
s
Operates from 2.7V to 5.5V
s
Inrush Current Limited
s
Ultralow Standby Current: 0.01
µA
s
Built-In Charge Pump
s
Controlled Rise and Fall Times: tR = 1ms
s
Single Switch in 8-Pin SO Package
s
Dual Switch in Narrow 16-Pin SO Package
CHARGE
PUMP
GATE CHARGE
AND
DISCHARGE
CONTROL LOGIC
CURRENT LIMIT
AND THERMAL
SHUTDOWN
EN
VINS
VIN1
VIN2
VIN3
VOUT
LTC1477/1478 • TA01
***
*NMOS SWITCHES WITH NO PARASITIC BODY DIODES
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Notebook Computer Power Management
s
Power Supply/Load Protection
s
Supply/Battery Switch-Over Circuits
s
Circuit Breaker Function
s
"Hot Swap" Board Protection
s
Peripheral Power Protection
APPLICATIONS
Switch Output Voltage
OUTPUT CURRENT (A)
0
4.60
4.70
4.80
4.90
5.00
5.20
0.25
0.5
0.75
1.00
LTC1477/1478 • TP02
1.25
1.50
5.10
TA = 25°C
VIN1 = VIN2 = VIN3 = VINS = 5V
SI PLIFIED BLOCK DIAGRAM


Similar Part No. - LTC1478

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470CS8 LINER-LTC1470CS8 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
More results

Similar Description - LTC1478

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1471 LINER-LTC1471_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Maxim Integrated Produc...
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com