Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1445CN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1445CN
Description  Ultralow Power Quad Comparators with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1445CN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1445CN Datasheet HTML 4Page - Linear Technology LTC1445CN Datasheet HTML 5Page - Linear Technology LTC1445CN Datasheet HTML 6Page - Linear Technology LTC1445CN Datasheet HTML 7Page - Linear Technology LTC1445CN Datasheet HTML 8Page - Linear Technology LTC1445CN Datasheet HTML 9Page - Linear Technology LTC1445CN Datasheet HTML 10Page - Linear Technology LTC1445CN Datasheet HTML 11Page - Linear Technology LTC1445CN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1443/LTC1444/LTC1445
Level Detector
The LTC1444 is ideal for use as a multisupply micropower
level detector as shown in Figure 5.
R1 and R2 form a voltage divider from V1 to the noninverting
comparator A input. R6 and R7 are used to divide down V2,
while R8 is the output pull-up resistor for the comparator
outputs. R3 and R4 set the hysteresis voltage and R5 and C1
bypass the reference output. The following design procedure
can be used to select the component values:
1. Choose the V1 voltage trip level, in this example 4.65V.
2. Calculate the required resistive divider ratio.
Ratio = VREF/VIN
Ratio = 1.221V/4.65V = 0.263
3. Choose the required hysteresis voltage band at the input,
VHBIN, in this example 60mV. Calculate the hysteresis
voltage band referred to the comparator input VHB.
VHB = (VHBIN)(Ratio)
VHB = (60mV)(0.263)
VHB = 15.78mV
4. Choose the values for R3 and R4 to set the hysteresis.
R4 = 2.4M
R3(k
Ω) = VHB = 15k
5. Choose the values for R1 and R2 to set the trip point.
R1 = VREF/IBIAS = 1.221V/1µA ≈ 1.21M
RR
V
V
V
RM
V
V
mV
RM
IN
REF
HB
21
2
1
21 21
465
1 221
15
2
1
23 40
=
()
+
=
()
+
=
.
.
.
.
Using the same equations, R6 and R7 are 1.82M and 1.21M
respectfully to set the trip level at 3V for V2.
IN A+
5
OUT B
OUT A
V+
V
R3
15k, 1%
R5
430
5%
R4
2.4M
1%
C1
1.0
µF
IN A
HYST
REF
4
14
8
IN B+
7
IN B
6
+
LTC1443/44/45 • F05
1/2LTC1444
3
9
2
1
R1
1.21M
1%
R2
3.40M
1%
V1
R7
1.21M
1%
R6
1.82M
1%
V2
R8
2M
1%
5V
+
Figure 5. Glitch-Free Level Detector with Hysteresis
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1445CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1445CN LINER-LTC1445CN Datasheet
202Kb / 14P
   Ultralow Power Quad omparators with Reference
More results

Similar Description - LTC1445CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1444 LINER-LTC1444_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1443 LINER-LTC1443_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1445 LINER-LTC1445_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1841 LINER-LTC1841_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1443CDHD LINER-LTC1443CDHD Datasheet
202Kb / 14P
   Ultralow Power Quad omparators with Reference
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
logo
Linear Technology
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com