Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWF100A Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # DWF100A
Description  Non-isolated Diode Module, 100A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

DWF100A Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  DWF100A Datasheet HTML 1Page - Naina Semiconductor ltd. DWF100A Datasheet HTML 2Page - Naina Semiconductor ltd. DWF100A Datasheet HTML 3Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Naina Semiconductor Ltd.
DWF100A
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Package Outline
(All dimensions in mm)
Circuit Configuration
Circuit Description
Configuration Code
Circuit Drawing
Common cathode (base plate cathode)
N
Common anode (base plate anode)
R


Similar Part No. - DWF100A

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DWF100A30 SANREX-DWF100A30 Datasheet
95Kb / 2P
   DIODE MODULE
DWF100A40 SANREX-DWF100A40 Datasheet
95Kb / 2P
   DIODE MODULE
More results

Similar Description - DWF100A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DKR200AB60 DIODES-DKR200AB60 Datasheet
102Kb / 2P
   DIODE MODULE( NON-ISOLATED TYPE )
logo
Naina Semiconductor ltd...
N3D40 NAINA-N3D40 Datasheet
183Kb / 2P
   Non-isolated Diode Module, 40 Amps
N3D100A30 NAINA-N3D100A30 Datasheet
183Kb / 2P
   Non-isolated Diode Module, 100 Amps
N3D70A30 NAINA-N3D70A30 Datasheet
183Kb / 2P
   Non-isolated Diode Module, 70 Amps
logo
SanRex Corporation
BKR400ABZ50 SANREX-BKR400ABZ50 Datasheet
93Kb / 2P
   SCHOTTKY DIODE MODULE (NON-ISOLATED TYPE)
logo
Naina Semiconductor ltd...
N3D50 NAINA-N3D50 Datasheet
183Kb / 2P
   Non-isolated Diode Module, 50 Amps
logo
Fuji Electric
6RI100P-160 FUJI-6RI100P-160 Datasheet
151Kb / 3P
   Diode Module 1600V / 100A
logo
Nihon Inter Electronics...
PT1018 NIEC-PT1018 Datasheet
142Kb / 3P
   DIODE MODULE 100A/800V
PT100S8 NIEC-PT100S8 Datasheet
51Kb / 5P
   DIODE MODULE 100A/800V
logo
List of Unclassifed Man...
6RI100P-160 ETC2-6RI100P-160 Datasheet
148Kb / 3P
   Diode Module 1600V / 100A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com