Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1767-3.3 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1767-3.3
Description  Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1767-3.3 Datasheet(HTML) 2 Page - Linear Technology

  LT1767-3.3_15 Datasheet HTML 1Page - Linear Technology LT1767-3.3_15 Datasheet HTML 2Page - Linear Technology LT1767-3.3_15 Datasheet HTML 3Page - Linear Technology LT1767-3.3_15 Datasheet HTML 4Page - Linear Technology LT1767-3.3_15 Datasheet HTML 5Page - Linear Technology LT1767-3.3_15 Datasheet HTML 6Page - Linear Technology LT1767-3.3_15 Datasheet HTML 7Page - Linear Technology LT1767-3.3_15 Datasheet HTML 8Page - Linear Technology LT1767-3.3_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1767/LT1767-1.8/
LT1767-2.5/LT1767-3.3/LT1767-5
2
1767fb
For more information www.linear.com/LT1767
pin conFiguraTion
absoluTe MaxiMuM raTings (Note 1)
Input Voltage ........................................................... 25V
BOOST Pin Above SW ............................................. 20V
Max BOOST Pin Voltage............................................35V
SHDN Pin................................................................. 25V
FB Pin Voltage ........................................................... 6V
FB Pin Current......................................................... 1mA
SYNC Pin Current ................................................... 1mA
Operating Junction Temperature Range (Note 2)
LT1767E ........................................... –40°C to 125°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................ 300°C
1
2
3
4
BOOST
VIN
SW
GND
8
7
6
5
SYNC
VC
FB
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 110°C/W
GROUND PIN CONNECTED TO LARGE COPPER AREA
1
2
3
4
BOOST
VIN
SW
GND
8
7
6
5
SYNC
VC
FB
SHDN
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W
GROUND PIN CONNECTED TO LARGE COPPER AREA ON PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1767EMS8#PBF
LT1767EMS8#TRPBF
LTLS
8-Lead Plastic MSOP
–40°C to 125°C
LT1767EMS8-1.8#PBF
LT1767EMS8-1.8#TRPBF
LTWG
8-Lead Plastic MSOP
–40°C to 125°C
LT1767EMS8-2.5#PBF
LT1767EMS8-2.5#TRPBF
LTWD
8-Lead Plastic MSOP
–40°C to 125°C
LT1767EMS8-3.3#PBF
LT1767EMS8-3.3#TRPBF
LTWE
8-Lead Plastic MSOP
–40°C to 125°C
LT1767EMS8-5#PBF
LT1767EMS8-5#TRPBF
LTWF
8-Lead Plastic MSOP
–40°C to 125°C
LT1767EMS8E#PBF
LT1767EMS8E#TRPBF
LTZG
8-Lead Plastic MSOP, Exposed Pad
–40°C to 125°C
LT1767EMS8E-1.8#PBF
LT1767EMS8E-1.8#TRPBF
LTZH
8-Lead Plastic MSOP, Exposed Pad
–40°C to 125°C
LT1767EMS8E-2.5#PBF
LT1767EMS8E-2.5#TRPBF
LTZJ
8-Lead Plastic MSOP, Exposed Pad
–40°C to 125°C
LT1767EMS8E-3.3#PBF
LT1767EMS8E-3.3#TRPBF
LTZK
8-Lead Plastic MSOP, Exposed Pad
–40°C to 125°C
LT1767EMS8E-5#PBF
LT1767EMS8E-5#TRPBF
LTZL
8-Lead Plastic MSOP, Exposed Pad
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LT1767-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767-3.3 LINER-LT1767-3.3 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results

Similar Description - LT1767-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com