Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1456 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1456
Description  12-Bit Rail-to-Rail Micropower DAC with Clear Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1456 Datasheet(HTML) 5 Page - Linear Technology

  LTC1456 Datasheet HTML 1Page - Linear Technology LTC1456 Datasheet HTML 2Page - Linear Technology LTC1456 Datasheet HTML 3Page - Linear Technology LTC1456 Datasheet HTML 4Page - Linear Technology LTC1456 Datasheet HTML 5Page - Linear Technology LTC1456 Datasheet HTML 6Page - Linear Technology LTC1456 Datasheet HTML 7Page - Linear Technology LTC1456 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1456
CLK (Pin 1): The Serial Interface Clock. Internal Schmitt
trigger on this input allows direct optocoupler interface.
DIN (Pin 2): The Serial Interface Data. Data on the DIN pin
is latched into the shift register on the rising edge of the
serial clock.
CS/LD (Pin 3): The Serial Interface Enable and Load
Control. When CS/LD is low the CLK signal is enabled, so
the data can be clocked in. When CS/LD is pulled high,
data is loaded from the shift register into the DAC
register, updating the DAC output. When CS/LD is high
the CLK is disabled internally.
PIN FUNCTIONS
DOUT (Pin 4): The Output of the Shift Register Which
Becomes Valid on the Rising Edge of the Serial Clock.
GND (Pin 5): Ground.
CLR (Pin 6): The Clear Input. When pulled low, this pin
asynchronously clears the internal shift and DAC registers
to zero scale. Should be tied high for normal operation.
VOUT (Pin 7): The Buffered DAC Output.
VCC (Pin 8): The Positive Supply Input. 4.5V ≤ VCC ≤ 5.5V.
Requires a bypass capacitor to ground.
B11
MSB
B10
t1
t9
B1
t6
B0
LSB
B11
CURRENT WORD
t7
t2
t4
t3
t8
CLK
DIN
DOUT
CS/LD
t5
1456 TD
B0
PREVIOUS WORD
B11
PREVIOUS WORD
B10
B1
B0
I
DAGRA
BLOCK
DAC
REGISTER
LD
12-BIT
SHIFT
REGISTER
POWER-ON
RESET
1146 BD
CLK 1
DIN 2
DOUT 4
VOUT
7
CLR
6
GND
5
VCC
8
3
CS/LD
12-BIT
DAC
2.048V
+
TI I G DIAGRA


Similar Part No. - LTC1456

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1456 LINER-LTC1456 Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1456 LINER-LTC1456 Datasheet
163Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
LTC1456 LINER-LTC1456_15 Datasheet
163Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
More results

Similar Description - LTC1456

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1456 LINER-LTC1456_15 Datasheet
163Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659_15 Datasheet
142Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657 Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com