Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD75P238 Datasheet(PDF) 41 Page - NEC

Part # UPD75P238
Description  4-BIT SINGLE CHIP MICROCOMPUTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P238 Datasheet(HTML) 41 Page - NEC

Back Button UPD75P238 Datasheet HTML 37Page - NEC UPD75P238 Datasheet HTML 38Page - NEC UPD75P238 Datasheet HTML 39Page - NEC UPD75P238 Datasheet HTML 40Page - NEC UPD75P238 Datasheet HTML 41Page - NEC UPD75P238 Datasheet HTML 42Page - NEC UPD75P238 Datasheet HTML 43Page - NEC UPD75P238 Datasheet HTML 44Page - NEC UPD75P238 Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
41
µPD75P238
AC PROGRAMMING CHARACTERISTICS (Ta = 25
±5 °C, VDD = 6.0 ±0.25 V, VPP = 12.5 ±0.3 V, VSS = 0 V) (2/2)
PARAMETER
SYMBOL
*1
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
MD1 hold time
2
µs
(from MD0
↑)
tM1H + tM1R
≥ 50
µs
MD1 recovered time
2
µs
(to MD0
↓)
Program counter reset time
tPCR
10
µs
X1 input high and low level
widths
X1 input frequency
fX
4.19
MHz
Initial mode set time
tI
2
µs
MD3 setup time (to MD1
↑)tM3S
2
µs
MD3 hold time
(from MD1
↓)
MD3 setup time (to MD0
↓)tM3SR
When reading program memory
2
µs
Data output delay time from
address*2
Data output hold time from
address*2
MD3 hold time
(from MD0
↑)
Data output float delay time
from MD3
*1.
The corresponding
µPD27C256 symbol.
2.
Internal address signal is incremented by one on the rise of fourth X1 input and is not connected to the
pin.
tM1H
tOEH
tM1R
tOR
tXH, tXL
0.125
µs
tM3H
2
µs
tHAD
tOH
When reading program memory
0
130
ns
tDAD
tACC
When reading program memory
2
µs
tM3HR
When reading program memory
2
µs
tDFR
When reading program memory
2
µs


Similar Part No. - UPD75P238

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P238 RENESAS-UPD75P238 Datasheet
519Kb / 52P
   MOS INTEGRATED CIRCUIT
1992
UPD75P238GJ-5BG RENESAS-UPD75P238GJ-5BG Datasheet
519Kb / 52P
   MOS INTEGRATED CIRCUIT
1992
UPD75P238KF RENESAS-UPD75P238KF Datasheet
519Kb / 52P
   MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD75P238

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com