Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD75P238 Datasheet(PDF) 31 Page - NEC

Part # UPD75P238
Description  4-BIT SINGLE CHIP MICROCOMPUTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P238 Datasheet(HTML) 31 Page - NEC

Back Button UPD75P238 Datasheet HTML 27Page - NEC UPD75P238 Datasheet HTML 28Page - NEC UPD75P238 Datasheet HTML 29Page - NEC UPD75P238 Datasheet HTML 30Page - NEC UPD75P238 Datasheet HTML 31Page - NEC UPD75P238 Datasheet HTML 32Page - NEC UPD75P238 Datasheet HTML 33Page - NEC UPD75P238 Datasheet HTML 34Page - NEC UPD75P238 Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
31
µPD75P238
*1.
CPU clock (
Φ) cycle time is determined by the
oscillator for frequency of the connected oscil-
lator, the system clock control register (SCC)
and processor clock control register (PCC). The
cycle time tCY characteristics for supply voltage
VDD when the main system clock is in operation
is shown on the right.
2.
2tCY or 128/fX is set by interrupt mode register
(IM0) setting.
AC CHARACTERISTICS (Ta = –40 to +70
°C, VDD = 2.7 to 6.0 V)
(1) Basic Operation
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operation with
VDD = 4.75
0.67
64
µs
main system
to 6.0 V
clock
2.6
64
µs
Operation with subsystem clock
114
122
125
µs
VDD = 4.5 to 6.0 V
0
1
MHz
0
275
kHz
VDD = 4.5 to 6.0 V
0.48
µs
1.8
µs
Interrupt input high
INT0
*2
µs
and low-level
widths
INT1, 2, 4
10
µs
RESET low level
10
µs
widths
tCY
fTI
tTIH,
tTIL
tRSL
tINTH,
tINTL
TI0 input high and
low-level widths
tcy vs VDD
(When main system clock is in operation)
Power Supply Voltage VDD [V]
0
1
2
3
4
5
6
0.5
1
2
3
4
5
60
64
70
6
Operation Guaranteed
Range
TI0 input frequency
CPU clock cycle time
(minimum instruction
execution time
= one machine cycle)*1


Similar Part No. - UPD75P238

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P238 RENESAS-UPD75P238 Datasheet
519Kb / 52P
   MOS INTEGRATED CIRCUIT
1992
UPD75P238GJ-5BG RENESAS-UPD75P238GJ-5BG Datasheet
519Kb / 52P
   MOS INTEGRATED CIRCUIT
1992
UPD75P238KF RENESAS-UPD75P238KF Datasheet
519Kb / 52P
   MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD75P238

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com