Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD75P238 Datasheet(PDF) 29 Page - NEC

Part # UPD75P238
Description  4-BIT SINGLE CHIP MICROCOMPUTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P238 Datasheet(HTML) 29 Page - NEC

Back Button UPD75P238 Datasheet HTML 25Page - NEC UPD75P238 Datasheet HTML 26Page - NEC UPD75P238 Datasheet HTML 27Page - NEC UPD75P238 Datasheet HTML 28Page - NEC UPD75P238 Datasheet HTML 29Page - NEC UPD75P238 Datasheet HTML 30Page - NEC UPD75P238 Datasheet HTML 31Page - NEC UPD75P238 Datasheet HTML 32Page - NEC UPD75P238 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
29
µPD75P238
DC CHARACTERISTICS (Ta = –40 to +70
°C, VDD = 2.7 to 6.0 V) (2/3)
Output leakage
current high
Output leakage
current low
Display output
current
On-chip pull-up
resistor
Power supply
current*1
VOUT = VDD
3
µA
VDD = 4.5 to 6.0 V
VOD = VDD – 2 V
Display
output
Operat-
ing
mode
HALT
mode
Operat-
ing
mode
HALT
mode
ILOH1
ILOL2
IOD
ILOL1
RL
RV1
IDDI
IDD2
IDDI
IDD2
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
All ports and
pins except
those listed
below.
ILOH2
Port 4, 5
VOUT = 10 V
20
µA
All ports and
pins except
those listed
below.
Display
VOUT = VLOAD =
–10
µA
output
VDD – 35 V
S0 to S9,
–3
–5.5
mA
S16 to S23
T0 to T15
–15
–22
mA
On-chip pull-down
resistor
VOD – VLOAD = 35 V
25
50
135
k
(Mask option)
Port 0, 1, 2, 3,
VDD = 5 V
± 10%
15
40
80
k
6 (Except P00)
VIN = 0 V
VDD = 3 V
± 10%
30
300
k
VDD = 5V
918
mA
±10%*2
VDD = 3 V
13
mA
±10%*3
VDD = 5 V
900
2700
µA
±10%
VDD = 3 V
300
900
µA
±10%
VDD = 5 V
515
mA
±10%*2
VDD = 3 V
0.9
2.7
mA
±10%*3
VDD = 5 V
600
1800
µA
±10%
VDD = 3 V
200
600
µA
±10%
*1.
Current to the on-chip pull-down resistor (pull-up) and power-on reset circuit (mask option) is not included.
2.
When the processor clock control register (PCC) is set to 0011 and is operated at high-speed mode.
3.
When the PCC register is set to 0000 and is operated in the low-speed mode.
4.
Includes the case where the subsystem clock oscillating.
VOUT = 0 V
–3
µA
6MHz crystal
oscillation
C1 = C2 =
22 pF*4
4.19MHz
crystal
oscillation
C1 = C2 =
22 pF*4


Similar Part No. - UPD75P238

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P238 RENESAS-UPD75P238 Datasheet
519Kb / 52P
   MOS INTEGRATED CIRCUIT
1992
UPD75P238GJ-5BG RENESAS-UPD75P238GJ-5BG Datasheet
519Kb / 52P
   MOS INTEGRATED CIRCUIT
1992
UPD75P238KF RENESAS-UPD75P238KF Datasheet
519Kb / 52P
   MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD75P238

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com