Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1438IG Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1438IG
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1438IG Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1438IG Datasheet HTML 3Page - Linear Technology LTC1438IG Datasheet HTML 4Page - Linear Technology LTC1438IG Datasheet HTML 5Page - Linear Technology LTC1438IG Datasheet HTML 6Page - Linear Technology LTC1438IG Datasheet HTML 7Page - Linear Technology LTC1438IG Datasheet HTML 8Page - Linear Technology LTC1438IG Datasheet HTML 9Page - Linear Technology LTC1438IG Datasheet HTML 10Page - Linear Technology LTC1438IG Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC1438/LTC1439
TYPICAL PERFORMANCE CHARACTERISTICS
Auxiliary Regulator
Sink Current Available
Auxiliary Regulator PSRR
AUX DR VOLTAGE (V)
0
0
5
10
15
20
24
6
8
1438 G19
10
12
14
16
FREQUENCY (kHz)
10
10
20
30
40
50
60
70
100
1000
1438 G20
10mA LOAD
100mA LOAD
PIN FUNCTIONS
VIN: Main Supply Pin. Must be closely decoupled to the
IC’s signal ground pin.
INTVCC: Output of the Internal 5V Regulator and the
EXTVCC Switch. The driver and control circuits are pow-
ered from this voltage. Must be closely decoupled to
power ground with a minimum of 2.2
µF tantalum or
electrolytic capacitor. The INTVCC regulator turns off when
both RUN/SS1 and RUN/SS2 are low. Refer to the LTC1538/
LTC1539 for 5V keep-alive applications.
EXTVCC: External Power Input to an Internal Switch. This
switch closes and supplies INTVCC, bypassing the internal
low dropout regulator whenever EXTVCC is higher than
4.7V. Connect this pin to VOUT of the controller with the
higher output voltage. Do not exceed 10V on this pin. See
EXTVCC connection in Applications Information section.
BOOST 1, BOOST 2: Supplies to the Topside Floating
Drivers. The bootstrap capacitors are returned to these
pins. Voltage swing at these pins is from INTVCC to
VIN + INTVCC.
SW1, SW2: Switch Node Connections to Inductors. Volt-
age swing at these pins is from a Schottky diode (external)
voltage drop below ground to VIN.
SGND: Small-Signal Ground. Common to both control-
lers, must be routed separately from high current grounds
to the (–) terminals of the COUT capacitors.
PGND: Driver Power Ground. Connects to sources of
bottom N-channel MOSFETs and the (–) terminals of CIN.
SENSE 1, SENSE 2: Connects to the (–) input for the
current comparators. Except for the LTC1438-ADJ, SENSE
1 is internally connected to the first controller’s VOUT
sensing point. The first controller can only be used as a
3.3V or 5.0V regulator controlled by the VPROG1 pin with
the LTC1438, LTC1438X and LTC1439. The LTC1438-ADJ
Controller 1 implements a remote sensing adjustable
regulator. The second controller can be set to a 3.3V, 5.0V
or an adjustable regulator controlled by the VPROG2 pin
(see Table 1).
Table 1. Output Voltage Table
LTC1438-ADJ
LTC1438/LTC1438X
LTC1439
Controller 1
Adjustable Only
5V or 3.3V Only
Secondary Feedback Loop
Controller 2
Adjustable Only
Adjustable Only
5V/3.3V/Adjustable
Remote Sensing
Remote Sensing
Remote Sensing
POR2 Output
POR2 Output
POR2 Output


Similar Part No. - LTC1438IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1438 LINER-LTC1438_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1438IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1538-AUX LINER-LTC1538-AUX Datasheet
451Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1438 LINER-LTC1438_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1538-AUX LINER-LTC1538-AUX_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1539 LINER-LTC1539_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1439 LINER-LTC1439_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com