Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1438IG Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1438IG
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1438IG Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1438IG Datasheet HTML 7Page - Linear Technology LTC1438IG Datasheet HTML 8Page - Linear Technology LTC1438IG Datasheet HTML 9Page - Linear Technology LTC1438IG Datasheet HTML 10Page - Linear Technology LTC1438IG Datasheet HTML 11Page - Linear Technology LTC1438IG Datasheet HTML 12Page - Linear Technology LTC1438IG Datasheet HTML 13Page - Linear Technology LTC1438IG Datasheet HTML 14Page - Linear Technology LTC1438IG Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
LTC1438/LTC1439
OPERATION
the AUXDR pin is above 9.5V to allow regulated 12V
VPP supplies to be easily implemented. When AUXDR is
below 8.5V an external feedback divider may be used to set
other output voltages. Taking the AUXON pin low shuts
down the auxiliary regulator providing a convenient logic-
controlled power supply.
The AUX block can be used as a comparator having its
inverting input tied to the internal 1.19V reference. The
AUXDR pin is used as the output and requires an external
pull-up to a supply of less than 8.5V in order to inhibit the
invoking of the internal resistive divider.
INTVCC/ EXTVCC Power
Power for the top and bottom MOSFET drivers and most
of the other LTC1438/LTC1439 circuitry is derived from
the INTVCC pin. The bottom MOSFET driver supply is also
connected to INTVCC. When the EXTVCC pin is left open, an
internal 5V low dropout regulator supplies INTVCC power.
If EXTVCC is taken above 4.8V, the 5V regulator is turned
off and an internal switch is turned on to connect EXTVCC
to INTVCC. This allows the INTVCC power to be derived
from a high efficiency external source such as the output
of the regulator itself or a secondary winding, as described
in the Applications Information section.
(Refer to Functional Diagram)
Frequency Synchronization
A Phase-Locked Loop (PLL) is available on the LTC1439
to allow the oscillator to be synchronized to an external
source connected to the PLLIN pin. The output of the
phase detector at the PLL LPF pin is also the control input
of the oscillator, which operates over a 0V to 2.4V range
corresponding to – 30% to 30% in frequency. When
locked, the PLL aligns the turn-on of the top MOSFET to
the rising edge of the synchronizing signal. When PLLIN
is left open, PLL LPF goes low, forcing the oscillator to
minimum frequency.
Power-On Reset
The POR2 pin is an open drain output which pulls low
when the main regulator output voltage of the second
controller is out of regulation. When the output voltage
rises to within 7.5% of regulation, a timer is started which
releases POR2 after 216 (65536) oscillator cycles. This
function is not available on the LTC1438X.
Auxiliary Linear Regulator
The auxiliary linear regulator in the LTC1439 controls an
external PNP transistor for operation up to 500mA. A
precise internal AUXFB resistive divider is invoked when


Similar Part No. - LTC1438IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1438 LINER-LTC1438_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1438IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1538-AUX LINER-LTC1538-AUX Datasheet
451Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1438 LINER-LTC1438_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1538-AUX LINER-LTC1538-AUX_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1539 LINER-LTC1539_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1439 LINER-LTC1439_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com