Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1430C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1430C
Description  High Power Step-Down Switching Regulator Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430C Datasheet(HTML) 1 Page - Linear Technology

  LTC1430C Datasheet HTML 1Page - Linear Technology LTC1430C Datasheet HTML 2Page - Linear Technology LTC1430C Datasheet HTML 3Page - Linear Technology LTC1430C Datasheet HTML 4Page - Linear Technology LTC1430C Datasheet HTML 5Page - Linear Technology LTC1430C Datasheet HTML 6Page - Linear Technology LTC1430C Datasheet HTML 7Page - Linear Technology LTC1430C Datasheet HTML 8Page - Linear Technology LTC1430C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1430
High Power Step-Down
Switching Regulator Controller
The LTC
®1430 is a high power, high efficiency switching
regulator controller optimized for 5V to 3.xV applications.
It includes a precision internal reference and an internal
feedback system that can provide output regulation of
±1%
over temperature, load current and line voltage shifts. The
LTC1430 uses a synchronous switching architecture with
two N-channel output devices, eliminating the need for a
high power, high cost P-channel device. Additionally, it
senses output current across the drain-source resistance
of the upper N-channel FET, providing an adjustable
current limit without an external low value sense resistor.
The LTC1430 includes a fixed frequency PWM oscillator for
low output ripple under virtually all operating conditions.
The 200kHz free-running clock frequency can be externally
adjusted from 100kHz to above 500kHz. The LTC1430
features low 350
µA quiescent current, allowing greater
than 90% efficiency operation in converter designs from
1A to greater than 50A output current. Shutdown mode
drops the LTC1430 supply current to 1
µA.
s
High Power 5V to 3.xV Switching Controller:
Can Exceed 10A Output
s
All N-Channel External MOSFETs
s
Constant Frequency Operation—Small Inductor
s
Excellent Output Regulation:
±1% Over Line, Load
and Temperature Variations
s
High Efficiency: Over 95% Possible
s
Fixed Frequency Operation
s
No Low Value Sense Resistor Needed
s
Outputs Can Drive External FETs with Up to
10,000pF Gate Capacitance
s
Quiescent Current: 350
µA Typ, 1µA in Shutdown
s
Fast Transient Response
s
Adjustable or Fixed 3.3V Output
s
Available in 8- and 16-Lead PDIP and SO Packages
, LTC and LT are registered trademarks of Linear Technology Corporation.
LOAD CURRENT (A)
40
70
100
90
80
50
60
10
LTC1430 • TA02
0.1
1
TA = 25°C
VIN = 5V
VOUT = 3.3V
Efficiency
+
CIN
220
µF
×4
COUT
330
µF
×6
+
+
+
L1, 2.8
µH
PVCC1
VCC
FREQSET
SHDN
COMP
SS
PVCC2
PGND
GND
G1
IFB
IMAX
G2
NC
LTC1430 • TA01
SHUTDOWN
FB
NC
CIN: AVX-TPSE227M010R0100
COUT: AVX-TPSE337M006R0100
L1: ETQP6F1R6SFA
M1A, M1B, M2: MOTOROLA MTD20N03HL
SENSE+
LTC1430
SENSE
16k
100
RC
7.5k
CC
4700pF
C1
220pF
1N4148
1k
0.1
µF
1
µF
0.01
µF
0.1
µF
4.7
µF
0.1
µF
3.3V
10A
M1A, M1B
2 IN PARALLEL
M2
VIN 5V
Typical 5V to 3.3V, 10A Application
s
Power Supply for P6 and Pentium
®
Microprocessors
s
High Power 5V to 3.xV Regulators
s
Local Regulation for Dual Voltage Logic Boards
s
Low Voltage, High Current Battery Regulation
Pentium is a registered trademark of Intel Corporation.
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1430C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1430 LINER-LTC1430 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
LTC1430A LINER-LTC1430A Datasheet
356Kb / 24P
   High Power Step-Down Switching Regulator Controller
LTC1430AC LINER-LTC1430AC Datasheet
356Kb / 24P
   High Power Step-Down Switching Regulator Controller
LTC1430ACGN LINER-LTC1430ACGN Datasheet
356Kb / 24P
   High Power Step-Down Switching Regulator Controller
LTC1430ACS LINER-LTC1430ACS Datasheet
356Kb / 24P
   High Power Step-Down Switching Regulator Controller
More results

Similar Description - LTC1430C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1430A LINER-LTC1430A_15 Datasheet
296Kb / 24P
   High Power Step-Down Switching Regulator Controller
LTC1430A LINER-LTC1430A Datasheet
356Kb / 24P
   High Power Step-Down Switching Regulator Controller
LTC1430 LINER-LTC1430_15 Datasheet
231Kb / 16P
   High Power Step-Down Switching Regulator Controller
logo
Analog Intergrations Co...
AIC1579 AIC-AIC1579 Datasheet
315Kb / 8P
   Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5069JA ONSEMI-LV5069JA Datasheet
344Kb / 20P
   Step-down Switching Regulator Controller
March, 2013
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Linear Technology
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649_1 Datasheet
218Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com